Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2MPC Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # S9S08QD2MPC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2MPC Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2MPC Datasheet HTML 68Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 69Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 70Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 71Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 72Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 73Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 74Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 75Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 198 page
background image
Chapter 6 Parallel Input/Output Control
MC9S08QD4 Series MCU Data Sheet, Rev. 6
72
Freescale Semiconductor
6.4.2.3
Port A Drive Strength Select (PTADS)
An output pin can be selected to have high output drive strength by setting the corresponding bit in the
drive strength select register (PTADSn). When high drive is selected a pin is capable of sourcing and
sinking greater current. Even though every I/O pin can be selected as high drive, the user must ensure that
the total current source and sink limits for the chip are not exceeded. Drive strength selection is intended
to affect the DC behavior of I/O pins. However, the AC behavior is also affected. High drive allows a pin
to drive a greater load with the same switching speed as a low drive enabled pin into a smaller load.
Because of this the EMC emissions may be affected by enabling pins as high drive.
6.4.2.4
Port A Drive Strength Select (PTADS)
76
54
321
0
R
00
PTADS51
PTADS4
PTADS3
PTADS2
PTADS1
PTADS0
W
Reset:
000
00
000
1 PTADS5 has no effect on the input-only PTA5 pin.
Figure 6-6. Drive Strength Selection for Port A Register (PTADS)
Table 6-5. PTADS Register Field Descriptions
Field
Description
5:0
PTADS[5:0]
Output Drive Strength Selection for Port A Bits — Each of these control bits selects between low and high
output drive for the associated PTA pin. For port A pins that are configured as inputs, these bits have no effect.
0 Low output drive strength selected for port A bit n.
1 High output drive strength selected for port A bit n.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com