Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX9268GCM/V+T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9268GCM/V+T
Description  Gigabit Multimedia Serial Link Deserializer with LVDS System Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9268GCM/V+T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9268GCM/V+T Datasheet HTML 5Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 6Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 7Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 8Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 9Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 10Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 11Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 12Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Gigabit Multimedia Serial Link Deserializer
with LVDS System Interface
_______________________________________________________________________________________ 9
Pin Description (continued)
Functional Diagram
PARALLEL
TO LVDS
VIDEO
FIFO
AUDIO
RGB[17:0]
RGB
HS
HS
VS
DE
CNTL1/RES
8b/10b
DECODE/
UNSCRAMBLE
SERIAL
TO
PARALLEL
REVERSE CONTROL
CHANNEL
UART/I2C
CNTL2
FCC
ACB
VS
DE
RGB[23:18] (4-CH)
RES/CNTL1
(4-CH)
TXOUT0+/-
TXCLKOUT+/-
IN+
IN-
TXOUT1+/-
TXOUT2+/-
TXOUT3+/-
CNTL1
(4-CH)
CNTL2/MCLK
(4-CH)
SD/CNTL0
TX/SCL
RX/SDA
SCK
WS
MAX9268
Tx
Rx/EQ
7x PLL
SSPLL
CLK
DIV
CDR
PLL
PIN
NAME
FUNCTION
44
MS
Mode Select. Control link mode-selection input requires an external pulldown or pullup resis-
tor. Set MS = low to select base mode. Set MS = high to select bypass mode.
45
SSEN
Spread-Spectrum Enable. Serial link spread-spectrum enable input requires an external pull-
down or pullup resistor. The state of SSEN latches upon power-up or when resuming from
power-down mode (PWDN = low). Set SSEN = high for Q2% spread spectrum on the LVDS
and control outputs. Set SSEN = low to use the LVDS and control outputs without spread
spectrum.
46
DRS
Data-Rate Select. Data-rate range-selection input requires an external pulldown or pullup resistor.
The state of DRS latches upon power-up or when resuming from power-down mode (PWDN =
low). Set DRS = high for TXCLKOUT_ frequencies of 8.33MHz to 16.66MHz (3-channel mode), or
6.25MHz to 12.5MHz (4-channel mode). Set DRS = low for TXCLKOUT_ frequencies of 16.66MHz
to 104MHz (3-channel mode), or 12.5MHz to 78MHz (4-channel mode).
—
EP
Exposed Pad. EP internally connected to AGND. MUST externally connect EP to the plane
supplying AGND for proper thermal and electrical performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com