Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX9268GCM/V+T Datasheet(PDF) 28 Page - Maxim Integrated Products

Part # MAX9268GCM/V+T
Description  Gigabit Multimedia Serial Link Deserializer with LVDS System Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9268GCM/V+T Datasheet(HTML) 28 Page - Maxim Integrated Products

Back Button MAX9268GCM/V+T Datasheet HTML 24Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 25Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 26Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 27Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 28Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 29Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 30Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 31Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 32Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Gigabit Multimedia Serial Link Deserializer
with LVDS System Interface
28 _____________________________________________________________________________________
Programming the Device Addresses
Both the GMSL serializer and the MAX9268 have program-
mable device addresses. This allows multiple GMSL devic-
es along with I2C peripherals to coexist on the same control
channel. The serializer device address is stored in registers
0x00 of each device, while the deserializer device address
is stored in register 0x01 of each device. To change the
device address, first write to the device whose address
changes (register 0x00 of the GMSL serializer for serializer
device address change, or register 0x01 of the MAX9268
for deserializer device address change). Then write the
same address into the corresponding register on the other
device (register 0x00 of the MAX9268 for serializer device
address change, or register 0x01 of the GMSL serializer for
deserializer device address change).
3-Level Inputs for Default Device Address
ADD0 and ADD1 are 3-level inputs, which set the device
addresses stored in the MAX9268 (Table 2). Set the
desired device addresses by connecting ADD0/ADD1
through a pullup resistor to IOVDD, a pulldown resistor to
GND, or to high impedance. For digital control, use three-
state logic to drive the 3-level logic inputs.
ADD0/ADD1 set the device addresses in the MAX9268
only and not the GMSL serializer. Set the GMSL serial-
izer’s ADD0/ADD1 inputs to the same settings as the
MAX9268; alternatively, write to registers 0x00 and 0x01
of the GMSL serializer to reflect any changes made due
to the 3-level inputs.
Choosing I2C/UART Pullup Resistors
Both I2C/UART open-drain lines require pullup resistors to
provide a logic-high level. There are trade-offs between
power dissipation and speed, and a compromise made in
choosing pullup resistor values. Every device connected
to the bus introduces some capacitance even when the
device is not in operation. I2C specifies 300ns rise times to
go from low to high (30% to 70%) for fast mode, which is
defined for data rates up to 400kbps (see the I2C specifica-
tions in the AC Electrical Characteristics section for details).
To meet the fast-mode rise-time requirement, choose the
pullup resistors such that rise time tR = 0.85 x RPULLUP x
CBUS < 300ns. The waveforms are not recognized if the
transition time becomes too slow. The MAX9268 supports
I2C/UART rates up to 1Mbps.
AC-Coupling
AC-coupling isolates the receiver from DC voltages up
to the voltage rating of the capacitor. Four capacitors
(two at the serializer output and two at the deserializer
input) are needed for proper link operation and to provide
protection if either end of the cable is shorted to a high volt-
age. AC-coupling blocks low-frequency ground shifts and
low-frequency common-mode noise.
Selection of AC-Coupling Capacitors
Voltage droop and the digital sum variation (DSV) of
transmitted symbols cause signal transitions to start from
different voltage levels. Because the transition time is finite,
starting the signal transition from different voltage levels
causes timing jitter. The time constant for an AC-coupled
link needs to be chosen to reduce droop and jitter to an
acceptable level. The RC network for an AC-coupled link
consists of the CML receiver termination resistor (RTR),
the CML driver termination resistor (RTD), and the series
AC-coupling capacitors (C). The RC time constant for four
equal-value series capacitors is (C x (RTD + RTR))/4. RTD
and RTR are required to match the transmission line imped-
ance (usually 100I). This leaves the capacitor selection
to change the system time constant. Use at least 0.2FF
high-frequency surface-mount ceramic capacitors, with
sufficient voltage rating to withstand a short to battery, to
pass the lower speed reverse control-channel signal. Use
capacitors with a case size less than 3.2mm x 1.6mm to
have lower parasitic effects to the high-speed signal.
Power-Supply Circuits and Bypassing
The MAX9268 uses a 3.0V to 3.6V VAVDD and VDVDD. All
single-ended inputs and outputs on the MAX9268 derive
power from a 1.7V to 3.6V VIOVDD, which scales with
IOVDD. Proper voltage-supply bypassing is essential for
high-frequency circuit stability.
Cables and Connectors
Interconnect for CML typically has a differential impedance
of 100I. Use cables and connectors that have matched
differential impedance to minimize any impedance dis-
continuities. Twisted-pair and shielded twisted-pair cables
tend to generate less EMI due to magnetic-field canceling
effects. Balanced cables pick up noise as common mode
rejected by the CML receiver. Table 11 lists the suggested
cables and connectors used in the GMSL link.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com