Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX9268GCM/V+T Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX9268GCM/V+T
Description  Gigabit Multimedia Serial Link Deserializer with LVDS System Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9268GCM/V+T Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX9268GCM/V+T Datasheet HTML 16Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 17Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 18Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 19Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 20Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 21Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 22Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 23Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Gigabit Multimedia Serial Link Deserializer
with LVDS System Interface
20 _____________________________________________________________________________________
Control Channel and Register Programming
The control channel is available for the FC to send and
receive control data over the serial link simultaneously with
the high-speed data, to program registers on the link serial-
izer/deserializer or to program peripherals. Configuring the
CDS pin allows a FC to control the link from the side of the
serializer or deserializer, or with dual FCs from both sides,
to support a wide variety of applications.
The control channel runs in base mode or bypass mode
according to the mode-selection (MS) input of the device
connected to the FC. In base mode, the control-channel
transactions are half-duplex and in bypass mode they are
full-duplex.
Base Mode
In base mode the FC is the host, and in order to access the
registers of the serializer or deserializer it must use the
GMSL UART format and protocol. The FC accesses
peripherals with an I2C interface by sending GMSL UART
packets, which are converted to I2C by the serializer
or deserializer on the remote side of the link. The FC
communicates with a UART peripheral in base mode
(through INTTYPE register settings) using the GMSL UART
protocol. The device addresses of the GMSL serializer and
MAX9268 in base mode are programmable. The default
MAX9268 device address is determined by ADD0 and
ADD1 upon power-up, or after returning from a power-
down state (Table 2).
When the peripheral interface uses I2C (default), the GMSL
serializer/MAX9268 convert packets to I2C that have device
addresses different from those of the GMSL serializer or
MAX9268. The converted I2C bit rate is the same as the
original UART bit rate.
The GMSL serializer embeds control signals going to the
MAX9268 in the high-speed forward link. The MAX9268
uses a proprietary differential line coding to send signals
back towards the serializer. The speed of the control chan-
nel ranges from 100kbps to 1Mbps in both directions. The
GMSL serializer and MAX9268 deserializer automatically
detect the control-channel bit rate in base mode. Packet bit
rates can vary up to 3.5x from the previous bit rate (see the
Changing the Clock Frequency section). Figure 16 shows
the UART protocol for writing and reading in base mode
between the FC and the GMSL serializer/MAX9268.
Figure 17 shows the UART data format. Figures 18 and 19
detail the formats of the SYNC byte (0x79) and the ACK
byte (0xC3). The FC and the connected slave chip gen-
erate the SYNC byte and ACK byte, respectively. Events
such as device wake-up and interrupt generate transitions
on the control channel that should be ignored by the FC.
Data written to the GMSL serializer/MAX9268 registers do
not take effect until after the acknowledge byte is sent.
This allows the FC to verify write commands received with-
out error, even if the result of the write command directly
affects the serial link. The slave uses the SYNC byte to
synchronize with the host UART data rate automatically. If
the INT or MS inputs of the MAX9268 toggle while there is
control-channel communication, the control-channel com-
munication can be corrupted since INT has priority on the
control channel. In the event of a missed acknowledge, the
F
C should assume there was an error in the packet when
the slave device receives it, or that an error occurred during
the response from the slave device. In base mode, the FC
must keep the UART Tx/Rx lines high for 16 bit times before
sending a new packet.
As shown in Figure 20, the remote-side device converts
the packets going to or coming from the peripherals from
the UART format to the I2C format and vice versa. The
remote device removes the byte number count and adds or
receives the ACK between the data bytes of I2C. The I2C’s
data rate is the same as the UART data rate.
Figure 16. GMSL UART Protocol for Base Mode
WRITE DATA FORMAT
SYNC
DEV ADDR + R/W
REG ADDR
NUMBER OF BYTES
SYNC
DEV ADDR + R/W
REG ADDR
NUMBER OF BYTES
BYTE 1
BYTE N
ACK
BYTE N
BYTE 1
ACK
MASTER READS FROM SLAVE
READ DATA FRMAT
MASTER WRITES TO SLAVE
MASTER WRITES TO SLAVE
MASTER READS FROM SLAVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com