Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX9268GCM/V+T Datasheet(PDF) 33 Page - Maxim Integrated Products

Part # MAX9268GCM/V+T
Description  Gigabit Multimedia Serial Link Deserializer with LVDS System Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9268GCM/V+T Datasheet(HTML) 33 Page - Maxim Integrated Products

Back Button MAX9268GCM/V+T Datasheet HTML 27Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 28Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 29Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 30Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 31Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 32Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 33Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 34Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 35Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
Gigabit Multimedia Serial Link Deserializer
with LVDS System Interface
______________________________________________________________________________________ 33
Table 12. Register Table (see Table 1) (continued)
X = Don’t care.
REGISTER
ADDRESS
BITS
NAME
VALUE
FUNCTION
DEFAULT
VALUE
0x14
D[7:6]
—
00
Reserved
00
D5
FORCELVDS
0
Normal operation
0
1
Force LVDS outputs low
D4
DCS
0
Normal driver current for CMOS outputs (WS, SCK, SD/
CNTL0, CNTL1, CNTL2/MCLK)
0
1
Strong driver current for CMOS outputs (WS, SCK, SD/
CNTL0, CNTL1, CNTL2/MCLK)
D3
DISCNTL1
0
Serial-data bit 27 is mapped to CNTL1
0
1
CNTL1 forced low
D2
DISRES
0
Serial-data bit 27 is mapped to RES
0
1
RES bit forced low
D[1:0]
ILVDS
00
1.75mA LVDS current
01
01
3.5mA LVDS current
10
Do not use
11
7mA LVDS current
0x1E
D[7:0]
ID
00000100
Device identifier
(MAX9268 = 0x04)
00000100
(read only)
0x1F
D[7:5]
—
000
Reserved
000
(read only)
D4
CAPS
0
Not HDCP capable
0
(read only)
1
HDCP capable
D[3:0]
REVISION
XXXX
Device revision
(read only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com