Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX9268GCM/V+T Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX9268GCM/V+T
Description  Gigabit Multimedia Serial Link Deserializer with LVDS System Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9268GCM/V+T Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX9268GCM/V+T Datasheet HTML 18Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 19Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 20Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 21Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 22Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 23Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 24Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 25Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Gigabit Multimedia Serial Link Deserializer
with LVDS System Interface
22 _____________________________________________________________________________________
Interfacing Command-Byte-Only I2C Devices
The GMSL serializer and MAX9268 UART-to-I2C
conversion interfaces with devices that do not require
register addresses, such as the MAX7324 GPIO expand-
er. In this mode, the I2C master ignores the register
address byte and directly reads/writes the subsequent
data bytes (Figure 21). Change the communication
method of the I2C master using the I2CMETHOD bit.
I2CMETHOD = 1 sets command-byte-only mode, while
I2CMETHOD = 0 sets normal mode where the first byte
in the data stream is the register address.
Bypass Mode
In bypass mode, the GMSL serializer/MAX9268 ignore
UART communications. The FC is thereby free to
communicate with the peripherals using its own UART
protocol without concern that communication traffic
inadvertently misprograms the GMSL serializer or
MAX9268. The FC cannot access the GMSL serializer/
MAX9268 registers in this mode. Peripherals accessed
through the forward control channel using the UART
interface need to handle at least one TXCLKOUT_ period
of jitter due to the asynchronous sampling of the UART
signal by TXCLKOUT_.
Set MS = high to put the control channel into bypass
mode. For applications with the FC connected to the
deserializer (CDS is high), there is a 1ms wait time
between setting MS high and the bypass control channel
being active. There is no delay time when switching to
bypass mode when the FC is connected to the serializer
(CDS = low). Bypass mode accepts bit rates down to
28kbps in the forward direction (serializer to deserial-
izer), and 7.7kbps in the reverse direction (deserializer to
serializer). See the Interrupt Control section for interrupt
functionality limitations. The control-channel data pattern
should not be held low longer than 100µs if interrupt
control is used.
Interrupt Control
The INT pin of the GMSL serializer is the interrupt output
and the INT pin of the MAX9268 is the interrupt input.
The interrupt output on the GMSL serializer follows the
transitions at the interrupt input, even during reverse-
channel communication or loss of lock. This interrupt
function supports remote-side functions such as touch-
screen peripherals, remote power-up, or remote moni-
toring. Interrupts that occur during periods where the
reverse control channel is disabled, such as link startup/
shutdown, are automatically resent once the reverse
control channel becomes available again. Bit D4 of
register 0x06 in the MAX9268 also stores the interrupt
input state. The INT output of the GMSL serializer is low
after power-up. In addition, the FC can set the INT output
of the serializer by writing to the SETINT register bit. In
normal operation, the state of the interrupt output
changes when the interrupt input on the MAX9268 toggles.
Do not send a logic-low value longer than 100Fs in
either base or bypass mode to ensure proper interrupt
functionality.
Figure 21. Format Conversion Between GMSL UART and I2C with Register Address (I2CMETHOD = 1)
: MASTER TO SLAVE
GMSL SERIALIZER/MAX9268
GMSL SERIALIZER/MAX9268
GMSL SERIALIZER/MAX9268
UART-TO-I2C CONVERSION OF READ PACKET (I2CMETHOD = 1)
UART-TO-I2C CONVERSION OF WRITE PACKET (I2CMETHOD = 1)
F
C
GMSL SERIALIZER/MAX9268
F
C
SYNC FRAME
11
11
11
11
11
11
11
11
11
11
11
11
11
11
DEVICE ID + RD
REGISTER ADDRESS
NUMBER OF BYTES
SYNC FRAME
DEVICE ID + WR
REGISTER ADDRESS
NUMBER OF BYTES
DATA 0
DATA N
ACK FRAME
ACK FRAME
DATA 0
DATA N
DATA N
A
DATA 0
W A
DEV ID
S
A P
PERIPHERAL
PERIPHERAL
S
1
1 1
8
8
8
1
1
1
1
7
1 1
8
1
1 1
7
DEV ID
R A
A
A P
DATA 0
DATA N
: SLAVE TO MASTER
S: START
P: STOP
A: ACKNOWLEDGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com