Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX9268GCM/V+T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9268GCM/V+T
Description  Gigabit Multimedia Serial Link Deserializer with LVDS System Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9268GCM/V+T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9268GCM/V+T Datasheet HTML 2Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 3Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 4Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 5Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 6Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 7Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 8Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 9Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Gigabit Multimedia Serial Link Deserializer
with LVDS System Interface
6 ______________________________________________________________________________________
Typical Operating Characteristics
(VAVDD = VDVDD = VIOVDD = 3.3V, TA = +25NC, unless otherwise noted.)
TXCLKOUT_ FREQUENCY (MHz)
85
65
45
25
150
160
170
180
190
200
210
140
5
105
TOTAL SUPPLY CURRENT
vs. TXCLKOUT_ FREQUENCY
(3-CHANNEL MODE)
PRBS PATTERN
ALL EQUALIZER MODES
ALL SPREAD MODES
TXCLKOUT_ FREQUENCY (MHz)
65
50
35
20
150
160
170
180
190
200
210
140
5
80
TOTAL SUPPLY CURRENT
vs. TXCLKOUT_ FREQUENCY
(4-CHANNEL MODE)
PRBS PATTERN
ALL EQUALIZER MODES
ALL SPREAD MODES
OUTPUT POWER SPECTRUM
vs. TXCLKOUT_ FREQUENCY
(VARIOUS MAX9268 SPREAD)
TXCLKOUT_ FREQUENCY (MHz)
34.5
33.5
32.5
31.5
-90
-80
-70
-60
-50
-40
-30
-20
-10
-100
30.5
35.5
2% SPREAD
0% SPREAD
4% SPREAD
fTXCLKOUT_ = 33MHz
OUTPUT POWER SPECTRUM
vs. TXCLKOUT_ FREQUENCY
(VARIOUS MAX9268 SPREAD)
TXCLKOUT_ FREQUENCY (MHz)
69
67
65
63
-90
-80
-70
-60
-50
-40
-30
-20
-10
-100
61
71
2% SPREAD
0% SPREAD
fTXCLKOUT_ = 66MHz
4% SPREAD
MAXIMUM TXCLKOUT_ FREQUENCY
vs. STP CABLE LENGTH (BER < 10-9)
STP CABLE LENGTH (m)
15
10
5
20
40
60
80
100
120
0
0
20
OPTIMUM
PE/EQ SETTINGS
NO PE, 10.7dB
EQUALIZATION
NO PE, 5.2dB
EQUALIZATION
BER CAN BE AS LOW AS 10-12 FOR
CABLE LENGTHS LESS THAN 10m
MAXIMUM TXCLKOUT_ FREQUENCY
vs. ADDITIONAL DIFFERENTIAL
CL (BER < 10-9)
ADDITIONAL DIFFERENTIAL LOAD CAPACITANCE (pF)
8
6
4
2
0
10
20
40
60
80
100
120
0
10m STP CABLE
OPTIMUM
PE/EQ SETTINGS
NO PE, 10.7dB
EQUALIZATION
NO PE, 5.2dB EQUALIZATION
BER CAN BE AS LOW AS 10-12 FOR CL < 4pF
FOR OPTIMUM PE/EQ SETTINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com