Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX9268GCM/V+T Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX9268GCM/V+T
Description  Gigabit Multimedia Serial Link Deserializer with LVDS System Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9268GCM/V+T Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX9268GCM/V+T Datasheet HTML 15Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 16Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 17Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 18Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 19Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 20Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 21Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 22Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
Gigabit Multimedia Serial Link Deserializer
with LVDS System Interface
______________________________________________________________________________________ 19
synchronous with TXCLKOUT_. The MAX9268 deserial-
izer decodes the audio stream and stores audio words
in a FIFO. Audio rate detection uses an internal oscillator
to continuously determine the audio data rate and output
the audio in I2S format. The audio channel is enabled by
default. When the audio channel is disabled, the audio
data input (SD) on the serializer becomes a control input
(CNTL0) and SD/CNTL0 becomes a control output on
the deserializer.
Low TXCLKOUT_ frequencies limit the maximum
audio sampling rate. Table 4 lists the maximum audio
sampling rate for various TXCLKOUT_ frequencies.
Spread-spectrum settings do not affect the I2S data rate
or WS clock frequency.
Additional MCLK Output for
Audio Applications
Some audio DACs such as the MAX9850 do not require
a synchronous main clock (MCLK), while other DACs
require MCLK to be a specific multiple of WS. If the audio
DAC chip needs the MCLK to be a multiple of WS, use
an external PLL to regenerate the required MCLK from
WS or SCK.
For audio applications that have WS synchronous to
TXCLKOUT_, the MAX9268 provides a divided clock
output on CNTL2/MCLK at the expense of one less
control line in 4-channel mode (3-channel mode is not
affected). By default, CNTL2/MCLK operates as a con-
trol data output, and MCLK is turned off. Set MCLKDIV
(MAX9268 register 0x12, D[6:0]) to a nonzero value
to enable the MCLK output. Set MCLKDIV to 0x00 to
disable MCLK and set CNTL2/MCLK as a control data
output.
The output MCLK frequency is:
SRC
MCLK
f
f
MCLKDIV
=
where:
fSRC = the MCLK source frequency (Table 5)
MCLKDIV = the divider ratio from 1 to 127
Choose MCLKDIV values such that fMCLK is not
greater than 60MHz. MCLK frequencies derived from
TXCLKOUT_ (MSCLKSRC = 0) are not affected by
spread-spectrum settings in the MAX9268. However,
enabling spread spectrum in the GMSL serializer intro-
duces spread spectrum into MCLK. Spread-spectrum
settings of either device do not affect MCLK frequencies
derived from the internal oscillator. The internal oscilla-
tor frequency ranges from 100MHz to 150MHz over all
process corners and operating conditions.
Table 4. Maximum Audio WS Frequency (kHz) for Various TXCLKOUT_ Frequencies
Table 5. fSRC Settings
WORD
LENGTH
(BITS)
TXCLKOUT_ FREQUENCY
(DRS = LOW)
(MHz)
TXCLKOUT_ FREQUENCY
(DRS = HIGH)
(MHz)
12.5
15
16.6
> 20
6.25
7.5
8.33
> 10
8
> 192
> 192
> 192
> 192
> 192
> 192
> 192
> 192
16
> 192
> 192
> 192
> 192
> 192
> 192
> 192
> 192
18
185.5
> 192
> 192
> 192
185.5
> 192
> 192
> 192
20
174.6
> 192
> 192
> 192
174.6
> 192
> 192
> 192
24
152.2
182.7
> 192
> 192
152.2
182.7
> 192
> 192
32
123.7
148.4
164.3
> 192
123.7
148.4
164.3
> 192
MCLKSRC SETTING
(REGISTER 0x12, D7)
DATA-RATE SETTING
BUS-WIDTH SETTING
MCLK SOURCE FREQUENCY (fSRC)
0
High speed
3-channel mode
3 x fTXCLKOUT_
4-channel mode
4 x fTXCLKOUT_
Low speed
3-channel mode
6 x fTXCLKOUT_
4-channel mode
8 x fTXCLKOUT_
1
—
—
Internal oscillator
(120MHz, typ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com