Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX9268GCM/V+T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9268GCM/V+T
Description  Gigabit Multimedia Serial Link Deserializer with LVDS System Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9268GCM/V+T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9268GCM/V+T Datasheet HTML 1Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 2Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 3Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 4Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 5Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 6Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 7Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 8Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Gigabit Multimedia Serial Link Deserializer
with LVDS System Interface
4 ______________________________________________________________________________________
DC ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = VDVDD = 3.0V to 3.6V, VIOVDD = 1.7V to 3.6V, RL = 100Ω Q1% (differential), TA = -40NC to +105NC, unless otherwise noted.
Typical values are at VAVDD = VDVDD = VIOVDD = 3.3V, TA = +25NC.)
AC ELECTRICAL CHARACTERISTICS
(VAVDD = VDVDD = 3.0V to 3.6V, VIOVDD = 1.7V to 3.6V, RL = 100Ω Q1% (differential), TA = -40NC to +105NC, unless otherwise noted.
Typical values are at VAVDD = VDVDD = VIOVDD = 3.3V, TA = +25NC.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Short-Circuit Current
IOS
VOUT = 0V or 3.6V
3.5mA LVDS output
-7.5
+7.5
mA
7mA LVDS output
-15
+15
Magnitude of Differential Output
Short-Circuit Current
IOSD
3.5mA LVDS output
7.5
mA
7mA LVDS output
15
Output High-Impedance Current
IOZ
ADD0 and ADD1 = high or low,
PWDN = high or low
-0.5
+0.5
F
A
POWER SUPPLY
Worst-Case Supply Current
(Figure 4)
IWCS
BWS = low, fTXCLKOUT_ = 16.6MHz
142
180
mA
BWS = low, fTXCLKOUT_ = 33.3MHz
153
200
BWS = low, fTXCLKOUT_ = 66.6MHz
179
240
BWS = low, fTXCLKOUT_ = 104MHz
212
280
Sleep-Mode Supply Current
ICCS
80
130
F
A
Power-Down Current
ICCZ
PWDN = GND
19
70
F
A
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LVDS CLOCK OUTPUTS (TXCLKOUT+, TXCLKOUT-)
Clock Frequency
fTXCLKOUT_
BWS = GND, VDRS = VIOVDD
8.33
16.66
MHz
BWS = GND, DRS = GND
16.66
104
VBWS = VIOVDD, VDRS = VIOVDD
6.25
12.5
VBWS = VIOVDD, DRS = GND
12.5
78
I2C/UART PORT TIMING
Output Rise Time
tR
30% to 70%, CL = 10pF to 100pF,
1kI pullup to IOVDD (Figure 5)
20
150
ns
Output Fall Time
tF
70% to 30%, CL = 10pF to 100pF,
1kI pullup to IOVDD (Figure 5)
20
150
ns
Input Setup Time
tSET
I2C only (Figure 5)
100
ns
Input Hold Time
tHOLD
I2C only (Figure 5)
0
ns
SWITCHING CHARACTERISTICS
CNTL_ Output Rise-and-Fall Time
tR, tF
20% to 80%, CL
= 10pF, DCS = 1
(Figure 6)
VIOVDD = 1.7V to 1.9V
0.5
3.1
ns
VIOVDD = 3.0V to 3.6V
0.3
2.2
20% to 80%, CL
= 5pF, DCS = 0
(Figure 6)
VIOVDD = 1.7V to 1.9V
0.6
3.8
VIOVDD = 3.0V to 3.6V
0.4
2.4
LVDS Output Rise Time
tR
20% to 80%, RL = 100I (Figure 3)
200
350
ps
LVDS Output Fall Time
tF
80% to 20%, RL = 100I (Figure 3)
200
350
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com