| Electronic Components Datasheet Search |
|
822-1002-C01 Datasheet(PDF) 23 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
822-1002-C01 Datasheet(HTML) 23 Page - Magnetrol International, Inc. |
|
23 / 40 page ![]() 50-621 Kotron Sentinel Models 822, 832 and 842 RF Point Level Switches 20 2.4.3 Program Path 4 — Multi-Point The following procedure must be follower if MULT (multi-point) has been selected in Program Path 1 CNFG (configuration). Probe calibration, Program Path 2, must also be accomplished for the Multi-Point program to operate. These two procedures, Multi-Point and Probe Calibration, can be done in any order. NOTE: Use the same unit of measure that was used in Probe Calibration. Be consistent throughout the program. Press ENT to read DISP. Press the DOWN arrow key to display MODE. STEP 1: DISP (Display) 1. Press ENT to read DISP. The display will read the actual process level, based on the unit of measure that was used in Probe Calibration (PRLO/PRHI). 2. Press the DOWN arrow key to display MODE. STEP 2: MODE (Mode) 1. MODE refers to the configuration of both the control mode and the fault mode. Press ENT to display CNTL (control). Control allows for selection of normal or lead-lag pump control. 2. If this is the desired condition, press ENT . 3. The next level of the menu will be displayed; the selection of normal or lead-lag pump control. Choosing NORM will allow normal operation of the relays. If lead-lag pump sequencing is desired, press the DOWN arrow key to display LEAD. NOTE: Selection of LEAD (lead-lag) affects relays 2 and 3 only and does not apply to Model 822. LEAD must NOT be selected for Model 822. 4. Once the proper choice is displayed, press ENT to display FALT. 5. Press ENT to display DNRG (de-energize). In this position, all control relays will de-energize (go to a fail-safe state) when a fault is diagnosed. 6. Use the UP or DOWN arrow keys to toggle between DNRG (de-energize) or IGNR (ignore). If IGNR is chosen, all control relays will continue operating when a fault is diagnosed. 7. Press ENT to store the appropriate choice. The unit reads RLY1. ENT ENT ENT ENT ENT ENT ENT ENT ENT ENT ENT ENT ENT ENT ENT ENT ENT ENT ENT ENT ENT TDHI LLFS XXXX RUN DISP XXXX CNTL NORM DNRG FALT FALT LVLO LVHI XXXX XXXX TDLO XXXX SET KILL MODE RLY1 RLY2 IGNR HLFS LEAD ENT |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |