Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

822-1002-C01 Datasheet(PDF) 36 Page - Magnetrol International, Inc.

Part # 822-1002-C01
Description  Kotron짰 Sentinel Models 822, 832 and 842
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

822-1002-C01 Datasheet(HTML) 36 Page - Magnetrol International, Inc.

Back Button 822-1002-C01 Datasheet HTML 32Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 33Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 34Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 35Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 36Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 37Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 38Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 39Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 40Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
50-621 Kotron Sentinel Models 822, 832 and 842 RF Point Level Switches
33
No.
Description
Part Number
Integral
Non-hazardous
Z30-2409-001
Amplifier
Hazardous
Z30-2409-001
I.S. circuitry
Z30-2410-001
1
PC board
Non-hazardous
Z30-2410-002
Remote
Hazardous
Z30-2410-002
I.S. circuitry
Z30-2410-001
Note: Refer to model number digit 7 for proper amplifier PC board
Power supply/relay board:
Model 822
Model 832
Model 842
2
120 VAC
Z30-2407-001
Z30-2407-002
Z30-2407-003
240 VAC
Z30-2407-004
Z30-2407-005
Z30-2407-006
24 VDC
Z30-2407-007
Z30-2407-008
Z30-2407-009
Preamplifier board:
3
A. Standard (remote)
Z30-2411-002
B. Intrinsically safe, remote (potted module)
Z30-9005-001
C. Intrinsically safe, integral (potted module)
Z30-9003-001
4
Intrinsically safe barrier (potted module)
Z30-9002-001
5
Housing
NEMA 4X Carbon steel
089-6523-001
NEMA 4X/7/9 Cast iron
089-6554-002
cover
NEMA 4X/7/9 Aluminum
089-6554-003
6
O-Ring
NEMA 4X
012-1318-001
NEMA 4X/7/9
012-2501-249
NEMA 4X Aluminum
004-9165-002
single conduit
7
Housing
NEMA 4X/7/9 Cast iron,
004-9138-003
base
single conduit
NEMA 4X/7/9 Aluminum
004-9173-003
dual conduit
Remote
Aluminum single conduit
089-6585-001
8probe
housing
316 SS, single conduit
089-6585-002
9
Remote electronics
1⁄2" NPT
036-3805-001
mounting bracket
3⁄4" NPT
036-3805-003
Connecting cable up to 2500 ft. (760 m)
10
Intrinsically safe 800 ft. (240 m)
(shielded, twisted pair, 22-gauge stranded
009-7146-001
conductors)
5
4
7
1
2
8
9
6
3B
3A
3C
10
3.6
Parts
3.6.1 Replacement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com