| Electronic Components Datasheet Search |
|
822-1002-C01 Datasheet(PDF) 12 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
822-1002-C01 Datasheet(HTML) 12 Page - Magnetrol International, Inc. |
|
12 / 40 page ![]() 50-621 Kotron Sentinel Models 822, 832 and 842 RF Point Level Switches 9 5. Replace housing cover. 6. Apply power to the unit, and proceed with calibration of instrument as described in Section 2.0, Calibration beginning on page 10. NOTE: Be certain to route all power and control wires through conduit outlet only and run probe wire up through center hole in ampli- fier housing base. 1.7.3 Relay Wiring Chart NOTES AND DEFINITIONS: 1. Equipment controlled by the Kotron relays is assumed to be powered from one source, while the Kotron unit itself is assumed to be powered from a different source. 2. Fail means a loss of power to the Kotron unit. 3. HLFS (high level fail-safe) means a material level in the tank which is equal to or above: a. The setting of a narrow differential point. b. The higher setting of a wide differential point. 4. LLFS (low level fail-safe) means a material level in the tank which is equal to or below: a. The setting of a narrow differential point. b. The lower setting of a wide differential point. 5. a. When the relay coil is de-energized, a connection is made between terminals C (common) and NC (nor- mally closed), and there is no connection between C and NO (normally open). b. When the relay coil is energized, a connection is made between terminals C and NO, and there is no connec- tion between C and NC. 6. If Relay 1 is being used as a dedicated diagnostic alarm, the relay will always de-energize upon fault detection. Kotron Material Fail-safe Relay Relay Terminals Power Level Coil CM to NC CM to NO High HLFS De-energized Closed Open On LLFS Energized Open Closed Low HLFS Energized Open Closed LLFS De-energized Closed Open High HLFS De-energized Closed Open Fail LLFS De-energized Closed Open Low HLFS De-energized Closed Open LLFS De-energized Closed Open |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |