Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

822-1002-C01 Datasheet(PDF) 28 Page - Magnetrol International, Inc.

Part # 822-1002-C01
Description  Kotron짰 Sentinel Models 822, 832 and 842
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

822-1002-C01 Datasheet(HTML) 28 Page - Magnetrol International, Inc.

Back Button 822-1002-C01 Datasheet HTML 24Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 25Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 26Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 27Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 28Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 29Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 30Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 31Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 32Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
Error Message 1 (ER1)
Relay 1: Error in stored data
Consult factory.
Error Message 2 (ER2)
Relay 2: Error in stored data
Consult factory.
Error Message 3 (ER3)
Relay 3: Error in stored data
Consult factory.
Error Message 4 (ER4)
Relay 4: Error in stored data
Consult factory.
Error Message 5 (ER5)
Relay configuration: lead-lag, Fail-safe
Consult factory.
Error Message 6 (ER6)
Average/filtering
Consult factory.
Error Message 7 (ER7)
Probe Hi/Probe Lo calibration error
Consult factory.
Error Message 8 (ER8)
Computation error based on E7
Consult factory.
Error Message 9 (ER9)
Parameter error in power up
Consult factory.
Error Message 10 (ER10)
Not applicable
Not Applicable.
Error Message 11 (ER11)
Preamplifier Test
Integral: consult factory.
Remote: measure current on the positive
(+) side of circuit, between preamplifier and
main amplifier; 30 to 40 mA is proper.
Error Message 12 (ER12)
Probe Short Test
Disconnect the probe wire from the probe.
Measure the resistance between the probe
connection screw and the metal probe
mounting nut; use the highest resistance
scale available. A reading of 10 megohm
or greater (and stable) is proper.
NOTE: If the application is an insulated probe in
a conductive medium, it helps to have the process
level at the highest point possible. This aids in
checking for nick or cuts in the probe insulation.
Error Message 13 (ER13)
Open probe circuit
Check wiring between electronics and
probe.
Error Message 16 (ER16)
Immeasurable signal – No wave form
Integral: Consult factory.
beyond maximum capacitance
Remote: Perform checks described
capability.
under Error Messages 11, 12, and 13.
Display reads “NOT READY”
PR LO/PR HI points not calibrated
Calibrate probe Program Path 3 Calibration
The LED display defaults to
Noise from relay (and related equipment)
Install filtering device 9i.e., MOVs) across
Magnetrol Intl when a relay trips.
is causing problems with microprocessor.
relay terminals and supply voltage input.
The S or M stops walking across LED The 8-pin header between the two circuit
Consult factory.
display, yet no error message appears. boards is not making good contact.
Error messages 11, 12, 16
AC/DC
Probe totally shorted.
Review solution for ER 12.
DC
Supply power between 19-21 VDC
Check supply power.
Diagnostic relay trips every time the
Process medium is conductive, but
process level trips the alarm relay
non-conductive was chosen in step 2 of
Recalibrate steps 2 and 3 of Single Point
(Single Point program only).
Single Point program.
program with accurate information.
Numbers have exceeded lower limit of
Display reads UNDR.
negative 999, usually caused by PRLO/
PRHI points being entered extremely
close to (or on top of) one another.
Recalibrate PRLO/PRHI points.
Numbers have exceeded upper limit of
Display reads OVER.
19,999, usually caused by PRLO/
PRHI points being entered extremely
close to (or on top of) one another.
Recalibrate PRLO/PRHI points.
No fail-safe choice offered for RLY 3
LEAD is chosen in Mode/Control,
This is a normal condition for the lead-lag
yielding a lead-lag function.
function.
3.0
Reference Information
3.1
Troubleshooting
3.1.1 Error Message Codes
The following error messages are displayed to aid the user in troubleshooting the system. Many of the
error messages relate to data stored in the non-volatile memory. Error messages 11, 12, 13, and 16 can
be investigated by the user. Consult factory for all other failures.
50-621 Kotron Sentinel Models 822, 832 and 842 RF Point Level Switches
25
Symptom
Problem
Solution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com