Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

822-1002-C01 Datasheet(PDF) 37 Page - Magnetrol International, Inc.

Part # 822-1002-C01
Description  Kotron짰 Sentinel Models 822, 832 and 842
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

822-1002-C01 Datasheet(HTML) 37 Page - Magnetrol International, Inc.

Back Button 822-1002-C01 Datasheet HTML 32Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 33Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 34Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 35Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 36Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 37Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 38Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 39Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 40Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
50-621 Kotron Sentinel Models 822, 832 and 842 RF Point Level Switches
34
3.7
Model Numbers
0
Integral NEMA 4X
1
Remote NEMA 4X
2
Integral NEMA 4X/7/9
3
Remote NEMA 4X/7/9
5
Integral NEMA 4X/7/9 w/intrinsically safe probe circuit
6
Remote NEMA 4X/7/9 w/intrinsically safe probe circuit
C
NEMA 4X, aluminum base with carbon steel cover,
3
⁄4" NPT single conduit
G
NEMA 4X/7/9, cast iron, 1" NPT single conduit
R
NEMA 4X/7/9, aluminum, 1" NPT dual conduit
Y
NEMA 4X/7/9, aluminum, 1" NPT dual conduit with
316 SS 3⁄4" NPT single conduit (remote mount only)
HOUSINGS
0
120 VAC
1
240 VAC
2
24 VDC
INPUT POWER
82
10
0
2
Relays
3
3 Relays (lead/lag)
4
4 Relays (lead/lag)
RELAYS
MOUNTING
0
Probe ordered separately
1
18" (457 mm) guarded probe)
2
36" (914 mm) guarded probe)
PROBE SELECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com