Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

822-1002-C01 Datasheet(PDF) 26 Page - Magnetrol International, Inc.

Part # 822-1002-C01
Description  Kotron짰 Sentinel Models 822, 832 and 842
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

822-1002-C01 Datasheet(HTML) 26 Page - Magnetrol International, Inc.

Back Button 822-1002-C01 Datasheet HTML 22Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 23Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 24Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 25Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 26Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 27Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 28Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 29Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 30Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
STEP 3: HEX (Hexadecimal)
Press ENT
. Display will show a hexadecimal number
related to capacitance in 0.25 pF increments.
Press ENT
to exit HEX and return to SRVC.
Press ENT
again to display VERS.
Using the DOWN
arrow key, press two times to
display AVG.
STEP 4: AVG (Average)
Press ENT
to display a number (0–5) related to the
amount of averaging of the probe signal the microproces-
sor does to yield a level value. A value of 0 is the mini-
mum averaging value; 5 is the maximum averaging value.
All units are shipped from the factory with a preset
averaging value of 3.
NOTE: Consult factory before changing this value.
Press ENT
, with the averaging value displayed,
to return to SRVC.
Press ENT
again to display VERS.
Using the DOWN
arrow key, press it three times
to display TEST.
STEP 5: TEST (Test)
The test mode allows manual scrolling of the process level
via the keypad and LED display. This checks all relay
settings artificially.
Press ENT
to display TRIP. Relays will change
state (trip) at the calibrated points.
Use the UP
or DOWN
arrow keys to toggle to
HOLD. In this setting, relays will not change state (hold) at
the selected points, but the yellow LEDs will still signal as
normal (OFF when below lowest differential point; blink-
ing when inside differential; and ON when above highest
differential point).
Press ENT
to display the present level.
Use the UP
arrow key to scroll through values.
ENT
will escape TEST and display SRVC.
With SRVC displayed, press the UP
arrow
key to return to RUN.
NOTES:
1. The TEST mode will not operate until PRLO and PRHI values
are entered in Probe Calibration (Program Path 3).
2. There is no TEST mode for the single point program.
ENT
ENT
ENT
ENT
ENT
ENT
ENT
ENT
ENT
50-621 Kotron Sentinel Models 822, 832 and 842 RF Point Level Switches
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com