Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT82B42R Datasheet(PDF) 46 Page - Holtek Semiconductor Inc

Part # HT82B42R
Description  I/O MCU with USB Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B42R Datasheet(HTML) 46 Page - Holtek Semiconductor Inc

Back Button HT82B42R Datasheet HTML 42Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 43Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 44Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 45Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 46Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 47Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 48Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 49Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 50Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 86 page
background image
Rev. 1.00
46
October 27, 2011
Rev. 1.00
47
October 27, 2011
HT82B42R/HT82B42RE
I/O MCU with USB Interface
Watchdog Timer
TheWDTclocksourceisimplementedbyadedicatedRCoscillator(WDToscillator)orinstruction
clock(systemclockdividedby4),enabledusingaconfigurationoption.Thistimerisdesignedto
preventasoftwaremalfunctionorsequencejumpingtoanunknownlocationwithunpredictable
results.IftheWatchdogTimerisdisabled,alltheexecutionsrelatedtotheWDTresultsinno
operation.
OncetheinternalWDToscillator(RCoscillatornormallywithaperiodof32μs)isselected,itisfirst
dividedby256(8-stages)togetthenominaltime-outperiodofapproximately8.19ms.Thistime-out
periodmayvarywithtemperature,VDDandprocessvariations.ByusingtheWDTprescaler,longer
time-outperiodscanberealized.WritingdatatoWS2,WS1,WS0(bit2,1,0oftheWDTS)can
givedifferenttime-outperiods.IfWS2,WS1,WS0areallequalto"1",thedivisionratioisupto
1:128,andthemaximumtime-outperiodis1.048s.
IftheWDToscillatorisdisabled,theWDTclocksourcemaystillcomefromtheinstructionclock
andoperateinthesamemannerexceptthatinthePowerdownModestatetheWDTmaystop
countingandloseitsprotectingpurpose.InthissituationtheWDTlogiccanberestartedbyexternal
logic.Thehighnibbleandbit3oftheWDTSarereservedforuserdefinedflags,whichcanbeused
toindicatesomespecifiedstatus.
Ifthedeviceoperatesinanoisyenvironment,usingtheon-chipRCoscillator(WDTOSC)is
stronglyrecommended,sincetheHALTwillstopthesystemclock.
8- bi t Co unt er
(
¸ 256)
7- bi t Pr es ca le r
8- to -1 M UX
WD T Ti me -o ut
WS 0~ WS 2
WD T Cl o ck S ou rc e
Cl ea r WD T Ty pe
Co nf ig ur at io n Op ti on
CL R WD T1 F la g
CL R WD T2 F la g
1 or 2 In st ru ct i ons
CL R
CL R
f SYS /4
WD T Os ci ll at or
WD T Cl o ck S ou rc e
Co nf ig ur at io n Op ti on
Watchdog Timer
WDTS Register
Bit
7
6
5
4
3
2
1
0
Name
WS7
―
―
―
WS3
WS2
WS1
WS0
R/W
R/W
―
―
―
R/W
R/W
R/W
R/W
POR
1
0
0
0
0
1
1
1
Bit7
WS7:USBresetenablecontrolbit
Describedelsewhere
Bit6~4
Unimplemented,readas“0”
Bit3
WS3:D+,andD-havea300K±50%ohmpull-highcontrolbit
Describedelsewhere
Bit2~0
WS2,WS1,WS0:WDTTime-outperiodselection
000:1:1
001:1:2
010:1:4
011:1:8
100:1:16
101:1:32
110:1:64
111:1:128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com