Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT82B42R Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT82B42R
Description  I/O MCU with USB Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B42R Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT82B42R Datasheet HTML 7Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 8Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 9Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 10Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 11Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 12Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 13Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 14Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 86 page
background image
Rev. 1.00
10
October 27, 2011
Rev. 1.00
11
October 27, 2011
HT82B42R/HT82B42RE
I/O MCU with USB Interface
Absolute Maximum Ratings
SupplyVoltage................................................................................................VSS−0.3VtoVSS+6.0V
InputVoltage..................................................................................................VSS−0.3VtoVDD+0.3V
StorageTemperature...................................................................................................-50°Cto125°C
OperatingTemperature.................................................................................................-40°Cto85°C
IOHTotal..................................................................................................................................-100mA
IOLTotal................................................................................................................................... 150mA
TotalPowerDissipation........................................................................................................ 500mW
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder"AbsoluteMaximum
Ratings"maycausesubstantialdamagetothedevice.Functionaloperationofthisdeviceatother
conditionsbeyondthoselistedinthespecificationisnotimpliedandprolongedexposuretoextreme
conditionsmayaffectdevicereliability.
D.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
VDD
Conditions
VDD
Operating Voltage
(Integrated oscillator)
— fSYS=6MHz or 12MHz
3.3
—
5.5
V
IDD
Operating Current
5V
No load, fSYS=6MHz
—
6.5
12
mA
No load, fSYS=12MHz
—
7.5
16
mA
ISTB
Standby Current
5V
No load,
system USB suspend,
set CLK_adj [22H] "*"
—
—
400
μA
Standby Current (WDT Enabled)
No load, system HALT,
input/output mode,
set SUSP2 & CLK_adj [22H]
—
—
15
μA
VIL
Input Low Voltage for PA
5V where V
DDIO
=VDD or V33O
by option for port A
0
— 0.2VDDIO V
Input Low Voltage for PB, PE
0
—
0.2VDD
V
Input Low Voltage for RES pin
0
—
0.4VDD
V
VIH
Input High Voltage for PA
5V where V
DDIO
=VDD or V33O
by option for Port A
0.8VDDIO —
5
V
Input High Voltage for PB, PE
0.8VDD
—
5
V
Input High Voltage for RES pin
0.9VDD
—
VDD
V
VLVR
Low Voltage Reset
5V
—
2.0
2.6
3.2
V
VV33O
3.3V Regulator Output for USB SIE
5V IV33O=70mA
3.0
3.3
3.6
V
IOH
Output Source Current for I/O Pin PA,
PB, PE0~1
5V VOH=3.4V
-2
-4
—
mA
IOL1
Output Sink Current for I/O Pin PA, PB,
PE0~1
5V VOL=0.4V
2
4
—
mA
IOL2
Output Sink Current for PE2
5V VOL=0.1VDD
2
3
—
mA
RPH
Pull-high Resistance for CLK, DATA
5V
—
—
4.7
—
kΩ
Pull-high Resistance for PA, PB, PE0~1
20
50
70
kΩ
Note:"*"include15kΩloadingontheUDP,UDNlinesatthehostterminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com