| Electronic Components Datasheet Search |
|
HT82B42R Datasheet(PDF) 76 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT82B42R Datasheet(HTML) 76 Page - Holtek Semiconductor Inc |
|
76 / 86 page ![]() Rev. 1.00 76 October 27, 2011 Rev. 1.00 77 October 27, 2011 HT82B42R/HT82B42RE I/O MCU with USB Interface . Rotate Data Memory left with result in ACC The contents of the specified Data Memory are rotated left by 1 bit with bit 7 rotated into bit 0. The rotated result is stored in the Accumulator and the contents of the Data Memory remain unchanged. ACC.(i+1) ← [m].i; (i = 0~6) ACC.0 ← [m].7 None Rotate Data Memory left through Carry The contents of the specified Data Memory and the carry flag are rotated left by 1 bit. Bit 7 replaces the Carry bit and the original carry flag is rotated into bit 0. [m].(i+1) ← [m].i; (i = 0~6) [m].0 ← C C ← [m].7 C Rotate Data Memory left through Carry with result in ACC Data in the specified Data Memory and the carry flag are rotated left by 1 bit. Bit 7 replaces the Carry bit and the original carry flag is rotated into the bit 0. The rotated result is stored in the Accumulator and the contents of the Data Memory remain unchanged. ACC.(i+1) ← [m].i; (i = 0~6) ACC.0 ← C C ← [m].7 C Rotate Data Memory right The contents of the specified Data Memory are rotated right by 1 bit with bit 0 rotated into bit 7. [m].i ← [m].(i+1); (i = 0~6) [m].7 ← [m].0 None Rotate Data Memory right with result in ACC Data in the specified Data Memory and the carry flag are rotated right by 1 bit with bit 0 rotated into bit 7. The rotated result is stored in the Accumulator and the contents of the Data Memory remain unchanged. ACC.i ← [m].(i+1); (i = 0~6) ACC.7 ← [m].0 None Rotate Data Memory right through Carry The contents of the specified Data Memory and the carry flag are rotated right by 1 bit. Bit 0 replaces the Carry bit and the original carry flag is rotated into bit 7. [m].i ← [m].(i+1); (i = 0~6) [m].7 ← C C ← [m].0 C RLA [m] Description Operation Affected flag(s) RLC [m] Description Operation Affected flag(s) RLCA [m] Description Operation Affected flag(s) RR [m] Description Operation Affected flag(s) RRA [m] Description Operation Affected flag(s) RRC [m] Description Operation Affected flag(s) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |