Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT82B42R Datasheet(PDF) 51 Page - Holtek Semiconductor Inc

Part # HT82B42R
Description  I/O MCU with USB Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B42R Datasheet(HTML) 51 Page - Holtek Semiconductor Inc

Back Button HT82B42R Datasheet HTML 47Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 48Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 49Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 50Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 51Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 52Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 53Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 54Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 55Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 86 page
background image
Rev. 1.00
50
October 27, 2011
Rev. 1.00
51
October 27, 2011
HT82B42R/HT82B42RE
I/O MCU with USB Interface
ThereisasystemclockcontrolregisterimplementtoselecttheclockusedintheMCU.Thisregister
consistersoftheUSBclocksontrolbit,USBCKEN,secondsuspendmodecontrolbit,SUSP2,and
asystemcolckselectionbit,SYSCLK.ThePS2modeindicatebit,PS2_flag,andasystemclock
adjustcontrolbit,CLK_adj.
SCC Register
Bit
7
6
5
4
3
2
1
0
Name
CLK_adj SYSCLK PS2_flag SUSP2 USBCKEN
―
―
―
R/W
R/W
R/W
R/W
R/W
R/W
―
―
―
POR
0
0
0
0
0
―
―
―
Bit7
CLK_adj:USBmodesystemclockadjustment
0:enable(default)
1:disable
ThisbitisusedtoadjustthesystemclockfortheUSBmodefortemperaturechanges.
InthePower-downModethisbitshouldbesethightoreducepowerconsumption.
Bit6
SYSCLK:SpecifyMCUoscillatorfrequencyindicationbit
0:12MHzcrystaloscillatororresonator,clearthisbitto“0”
1:6MHzcrystaloscillatororresonator,setthisbitto“1”
ThisbitisusedtospecifythesystemoscillatorfrequencyusedbytheMCU.Ifan
Integrated6MHzoscillatorisused,thisbitshouldbesetto“1”.IfanIntegrated
12MHzoscillatorisused,thisbitshouldbeclearedto“0”(default).
Bit5
PS2_flag:PS2modeindicationbit
0:notPS2mode
1:PS2mode
ThisflagisusedtoindicatethattheMCUisinthePS2mode.(Bit=1)
ThisbitisR/WbyFWandwillbeclearedto“0”afterpower-onreset.(Default="0")
Bit4
SUSP2:Reducepowerconsumptioninsuspendmodecontrolbit
0:innormalmode
1:inhaltmode,setthisbitto“1”forreducingpowerconsumption
Bit3
USBCKEN:USBclockcontrolbit
0:disable
1:enable
Bit2~0
Unimplemented
STALL and PIPE, PIPE_CTRL, Endpt_EN Registers
ThePIPEregisterrepresentswhetherthecorrespondingendpointisaccessedbythehostornot.
AfteranACT_ENsignalhasbeensentout,theMCUcancheckwhichendpointhadbeenaccessed.
Thisregisterissetonlyaftertheatimewhenthehostisaccessingthecorrespondingendpoint.
TheSTALLregistershowswhetherthecorrespondingendpointworksornot.Assoonasthe
endpointworksimproperly,thecorrespondingbitmustbeset.
ThePIPE_CTRLRegisterisusedforconfiguringtheIN(Bit=1)orOUT(Bit=0)Pipe.Thedefault
isdefineINpipe.Bit0(DATA0)ofthePIPE_CTRLRegisterisusedtosetthedatatoggleofany
endpoint(exceptendpoint0)usingdatatogglestothevalueDATA0.Oncetheuserwantsany
endpoint(exceptendpoint0)usingdatatogglestothevalueDATA0.theusercanoutputaLOW
pulsetothisbit.TheLOWpulseperiodmustatleast10instructioncycles.
TheEndpt_ENRegisterisusedtoenableordisablethecorrespondingendpoint(exceptendpoint0)
EnableEndpoint(Bit=1)ordisableEndpoint(Bit=0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com