Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT82B42R Datasheet(PDF) 55 Page - Holtek Semiconductor Inc

Part # HT82B42R
Description  I/O MCU with USB Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B42R Datasheet(HTML) 55 Page - Holtek Semiconductor Inc

Back Button HT82B42R Datasheet HTML 51Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 52Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 53Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 54Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 55Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 56Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 57Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 58Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 59Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 86 page
background image
Rev. 1.00
54
October 27, 2011
Rev. 1.00
55
October 27, 2011
HT82B42R/HT82B42RE
I/O MCU with USB Interface
MISC Register
Bit
7
6
5
4
3
2
1
0
Name
LEN0
READY
SCMD
SELP1
SELP0
CLEAR
TX
REQ
R/W
R
R
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
LEN0:0-sizedpacketindicationflag
0:not0-sizedpacket
1:0-sizedpacket
Thisbitisusedtoindicatethata0-sizedpackethasbeensentfromahosttotheMCU.
Thisbitshouldbeclearedbyfirmware.
Bit6
Ready:DesiredFIFOreadyindicationflag
0:notready
1:ready
ThisbitisusedtoindicatethatthedesiredendpointFIFOisreadyforoperation.
Bit5
SCMD:Setupcommandindicationflag
0:notsetupcommand
1:setupcommand
ThisbitisusedtoshowthatthedataintheendpointFIFOisaSETUPcommand.This
bithastobeclearedbyfirmware.Thatistosay,eveniftheMCUisbusy,thedevice
willnotmissanySETUPcommandsfromthehost.
Bit4~3
SELP1,SELP0:endpointFIFOselectionbits
00:endpointFIFO0
01:endpointFIFO1
10:endpointFIFO2
11:reserved
Bit2
CLEAR:ClearFIFOfunctioncontrolbit
0:disable
1:enable
ThisbitisusedtocleartheFIFO,eveniftheFIFOisnotready.
Bit1
TX:datawritingtoFIFOstatusindicationflag
0:datawritingfinished
1:datawritingtoFIFO
ThisbitdefinesthedirectionofdatatransferringbetweentheMCUandendpoint
FIFO.WhentheTXissetto“1”,thismeansthattheMCUwantstowritedatatothe
endpointFIFO.Afterthetaskiscompleted,thisbitmustbeclearedto“0”before
terminatingtherequesttorepresenttheendoftransferring.Forareadaction,thisbit
hastobeclearedto“0”torepresentthatMCUwantstoreaddatafromtheendpoint
FIFOandhastobesetto“1”aftercompletion.
Bit0
REQUEST:DesiredFIFOrequeststatusindicationflag
0:norequest
1:request
AftersettingtheotherstatusofthedesiredoneintheMISC,endpointFIFOcanbe
requestedbysettingthisbitto“1”.Afterthetaskiscompleted,thisbitmustbecleared
to“0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com