Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT82B42R Datasheet(PDF) 71 Page - Holtek Semiconductor Inc

Part # HT82B42R
Description  I/O MCU with USB Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B42R Datasheet(HTML) 71 Page - Holtek Semiconductor Inc

Back Button HT82B42R Datasheet HTML 67Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 68Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 69Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 70Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 71Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 72Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 73Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 74Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 75Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 86 page
background image
Rev. 1.00
70
October 27, 2011
Rev. 1.00
71
October 27, 2011
HT82B42R/HT82B42RE
I/O MCU with USB Interface
Instruction Definition
Add Data Memory to ACC with Carry
The contents of the specified Data Memory, Accumulator and the carry flag are
added. The result is stored in the Accumulator.
ACC ← ACC + [m] + C
OV, Z, AC, C
Add ACC to Data Memory with Carry
The contents of the specified Data Memory, Accumulator and the carry flag are
added. The result is stored in the specified Data Memory.
[m] ← ACC + [m] + C
OV, Z, AC, C
Add Data Memory to ACC
The contents of the specified Data Memory and the Accumulator are added. The
result is stored in the Accumulator.
ACC ← ACC + [m]
OV, Z, AC, C
Add immediate data to ACC
The contents of the Accumulator and the specified immediate data are added. The
result is stored in the Accumulator.
AC ← ACC + x
OV, Z, AC, C
Add ACC to Data Memory
The contents of the specified Data Memory and the Accumulator are added. The
result is stored in the specified Data Memory.
[m] ← ACC + [m]
OV, Z, AC, C
Logical AND Data Memory to ACC
Data in the Accumulator and the specified Data Memory perform a bitwise logical
AND operation. The result is stored in the Accumulator.
ACC ← ACC "AND" [m]
Z
Logical AND immediate data to ACC
Data in the Accumulator and the specified immediate data perform a bitwise
logical AND operation. The result is stored in the Accumulator.
ACC ← ACC "AND"x
Z
Logical AND ACC to Data Memory
Data in the specified Data Memory and the Accumulator perform a bitwise logical
AND operation. The result is stored in the Data Memory.
[m] ← ACC "AND" [m]
Z
ADC A,[m]
Description
Operation
Affected flag(s)
ADCM A,[m]
Description
Operation
Affected flag(s)
ADD A,[m]
Description
Operation
Affected flag(s)
ADD A,x
Description
Operation
Affected flag(s)
ADDM A,[m]
Description
Operation
Affected flag(s)
AND A,[m]
Description
Operation
Affected flag(s)
AND A,x
Description
Operation
Affected flag(s)
ANDM A,[m]
Description
Operation
Affected flag(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com