Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT82B42R Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT82B42R
Description  I/O MCU with USB Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B42R Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT82B42R Datasheet HTML 20Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 21Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 22Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 23Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 24Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 25Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 26Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 27Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 86 page
background image
Rev. 1.00
24
October 27, 2011
Rev. 1.00
25
October 27, 2011
HT82B42R/HT82B42RE
I/O MCU with USB Interface
STATUS Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
TO
PDF
OV
Z
AC
C
R/W
—
—
R
R
R/W
R/W
R/W
R/W
POR
—
—
0
0
x
x
x
x
“x” unknown
Bit7,6
Unimplemented,readas“0”
Bit5
TO:WatchdogTime-Outflag
0:afterpoweruporexecutingthe“CLRWDT”or“HALT”instruction
1:awatchdogtime-outoccurred
Bit4
PDF:Powerdownflag
0:afterpoweruporexecutingthe“CLRWDT”instruction
1:byexecutingthe“HALT”instruction
Bit3
OV:Overflowflag
0:nooverflow
1:anoperationresultsinacarryintothehighest-orderbitbutnotacarryoutofthe
highest-orderbitorviceversa
Bit2
Z:Zeroflag
0:theresultofanarithmeticorlogicaloperationisnotzero
1:theresultofanarithmeticorlogicaloperationiszero
Bit1
AC:Auxiliaryflag
0:noauxiliarycarry
1:anoperationresultsinacarryoutofthelownibblesinaddition,ornoborrow
fromthehighnibbleintothelownibbleinsubtraction
Bit0
C:Carryflag
0:nocarry-out
1:anoperationresultsinacarryduringanadditionoperationorifaborrowdoesnot
takeplaceduringasubtractionoperation
Cisalsoaffectedbyarotatethroughcarryinstruction.
Bank Pointer – BP
TheSpecialPurposeDataMemoryisdividedintotwoBanks,Bank0andBank1.TheUSBcontrol
registersarelocatedinBank1,whileallotherregistersarelocatedinBank0.TheBankPointer
selectswhichbankdataistobeaccessedfrom.IfBank0istobeaccessedthenBPmustbesettoa
valueof00H,whileifBank1istobeaccessedthenBPmustbesettoavalueof01H.
Ba nk P oi nt er
b7
b0
BP0
BP0
D at a Me mo ry
0
B an k 0
1
B an k 1
No t us ed , mu st b e re se t to " 0"
Bank Pointer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com