Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT82B42R Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT82B42R
Description  I/O MCU with USB Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B42R Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT82B42R Datasheet HTML 14Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 15Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 16Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 17Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 18Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 19Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 20Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 21Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 86 page
background image
Rev. 1.00
18
October 27, 2011
Rev. 1.00
19
October 27, 2011
HT82B42R/HT82B42RE
I/O MCU with USB Interface
operation.Theseareasmayfunctionasnormalprogrammemorydependingontherequirements.
OnceTBHPisenabled,theinstruction"TABRDC[m]"readstheProgramMemorydataasdefined
bytheTBLPandTBHPvalues.IftheProgramMemorycodeoptionhasdisabledTBHP,the
instruction"TABRDC[m]"readstheProgramMemorydataasdefinedbyTBLPonlyinthecurrent
ProgramMemorypage.
Look-up Table
AnylocationwithintheProgramMemorycanbedefinedasalook-uptablewhereprogrammerscan
storefixeddata.Tousethelook-uptable,thetablepointermustfirstbesetupbyplacingthelower
orderaddressofthelookupdatatoberetrievedintheTBLPregisterandthehigherorderaddressin
theTBHPregister.Thesetworegistersdefinethefulladdressofthelook-uptable.UsingtheTBHP
mustbeselectedbyconfigurationoption,ifnotusedtabledatacanstillbeaccessedbutonlythe
lowerbyteaddressinthecurrentpageorlastpagecanbedefined.
Aftersettingupthetablepointers,thetabledatacanberetrievedfromthecurrentProgramMemory
pageorlastProgramMemorypageusingthe"TABRDC[m]"or"TABRDL[m]"instructions,
respectively.Whentheseinstructionsareexecuted,thelowerordertablebytefromtheProgram
MemorywillbetransferredtotheuserdefinedDataMemoryregister[m]asspecifiedinthe
instruction.ThehigherordertabledatabytefromtheProgramMemorywillbetransferredtothe
TBLHspecialregister.Anyunusedbitsinthistransferredhigherorderbytewillbereadas"0".
Pr og ra m
Me mo ry
P r ogr am C ount er
H i gh By te
TB LP
TB LH
Sp ec if ie d by [ m]
T abl e Co nt en ts H i gh By te
T abl e Co nt en ts L ow B yt e
Table Read – TBLP only
Pr og ra m
Me mo ry
TB LH
Sp ec if ie d by [ m]
Hi gh B yt e of T abl e Co nt en ts
Lo w By te o f T abl e Co nt en ts
TB LP
TB HP
Table Read – TBLP/TBHP
Instruction
Table Location Bits
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
TABRDC [m] PC11 PC10 PC9 PC8
@7
@6
@5
@4
@3
@2
@1
@0
TABRDL [m]
1
1
1
1
@7
@6
@5
@4
@3
@2
@1
@0
Table Location
Note:PC11~PC8:CurrentProgramCounterbits.TBHPregisterBit3~0whenTBHPisenabled.
@7~@0:TablePointerTBLPbits
TableHighBytePointerforCurrentTableReadTBHP(Address0X1F)
Register
Bits
Read/Write
Functions
TBHP(0X1F)
3~0
R/W
Store current table read bit11~bit8 data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com