Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATSTI1OP-563-C1-R0 Datasheet(PDF) 17 Page - Texas Instruments

Part # ATSTI1OP-563-C1-R0
Description  TAS5612L-TAS5614LDDVEVM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ATSTI1OP-563-C1-R0 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ATSTI1OP-563-C1-R0 Datasheet HTML 13Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 14Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 15Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 16Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 17Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 18Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 19Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 20Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
PWM_P_2
PWM_M_2
PWM_P_1
PWM_M_1
INPUT_A
INPUT_C
INPUT_D
INPUT_B
VALID
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
J1
10.0K
0603
R41
GND
47
0603
R27
10.0K
0603
R20
10.0K
0603
R21
10.0K
0603
R22
10.0K
0603
R23
10.0K
0603
R24
10.0K
0603
R25
10.0K
0603
R26
47
0603
R28
47
0603
R29
47
0603
R30
47
0603
R33
47
0603
R35
47
0603
R38
47
0603
R39
47
0603
R40
47ufd/16V
FC
C51
+
0.1ufd/16V
0603 X7R
C52
GND
0.1ufd/16V
0603 X7R
C53
GND
GND
10.0K
0603
R42
10.0K
0603
R43
10.0K
0603
R44
10.0K
0603
R45
10.0K
0603
R46
10.0K
0603
R47
GND
47
0603
R37
47
0603
R36
47
0603
R34
200ms
SOT23-DBV5
U3
TPS3825-33DBVT
5
4
3
2
1
GND
47
0603
R31
47
0603
R32
0.1ufd/16V
0603 X7R
C50
GND
0.1ufd/16V
0603 X7R
C59
0.0
0603
R51
18.0K
0603
R53
4700pfd/50V
0603 X7R
C54
470
0603
R48
0.047ufd/16V
0603 X7R
C56
4700pfd/50V
0603 X7R
C55
470
0603
R49
0.047ufd/16V
0603 X7R
C57
GND
GND
GND
10ufd/16V
0805 X7R
C61
0.1ufd/16V
0603 X7R
C62
0.1ufd/16V
0603 X7R
C63
GND
GND
GND
0.1ufd/16V
0603 X7R
C65
GND
10ufd/16V
0805 X7R
C66
GND
120TAIL
100LS
PSVC
1
2
0.1ufd/16V
0603 X7R
C60
GND
10ufd/16V
0805 X7R
C58
TSSOP56-DGG
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
U2
TAS5538DGG
GND
15.0K
0603
R52
1.0
0603
R50
GND
0.1ufd/16V
0603 X7R
C64
GND
Orange
ET2
47
0603
R56
47
0603
R54
47
0603
R55
47
0603
R57
120TAIL
100LS
JP1
0.1ufd/16V
0603 X7R
C32
GND
47
0603
R58
+12V
+3.3V
+3.3V
+5V
AVDD
AVSS
+3.3V
+3.3V
+3.3V
+3.3V
STEPHEN CRUMP
TAS5612L-6500567 / TAS5614L-6524655
MARCH 7, 2012
TAS5612L-TAS5614LDDVEVM_RevA.sbk
LDN
5
A
A
TI
DESIGN LEAD
PAGE INFO:
FILENAME
DATE
DRAWN BY
SHEET
PCB REV
SCH REV
OF
EDGE #
DNP
TAS5612LDDV/TAS5614LDDV EVALUATION BOARD
1
DIGITAL AUDIO PROCESSOR I/O
TO
TAS5612L
TAS5614L
A842
INPUT-USB
BOARD 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com