Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATSTI1OP-563-C1-R0 Datasheet(PDF) 14 Page - Texas Instruments

Part # ATSTI1OP-563-C1-R0
Description  TAS5612L-TAS5614LDDVEVM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ATSTI1OP-563-C1-R0 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ATSTI1OP-563-C1-R0 Datasheet HTML 10Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 11Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 12Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 13Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 14Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 15Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 16Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 17Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
EVM Custom Component Vendors
www.ti.com
Table 4. Bill of Materials for TAS5614LDDVEVM (continued)
Manu Part No.
Qty.
Ref Des
Vendor Part No.
Description
Vendor
Manu.
92000A118
2
HS1
92000A118
PHILIPS PANHEAD SCREW M3x8mm
McMaster-
McMaster-
STAINLESS STEEL ROHS
Carr
Carr
92148A150
2
HS1
92148A150
SPLIT WASHER M3 STAINLESS STEEL
McMaster-
McMaster-
ROHS
Carr
Carr
STANDOFFS AND HARDWARE
94868A178
4
NA
94868A178
STANDOFF M3x25mm 4.5mm DIA HEX
McMaster-
McMaster-
STAINLESS STEEL F-F ROHS
Carr
Carr
92000A118
4
NA
92000A118
PHILIPS PANHEAD SCREW M3x8mm
McMaster-
McMaster-
STAINLESS STEEL ROHS
Carr
Carr
92148A150
4
NA
92148A150
SPLIT WASHER M3 STAINLESS STEEL
McMaster-
McMaster-
ROHS
Carr
Carr
Component Count:
163
COMPONENTS NOT ASSEMBLED
CR1, CR2, CR3, CR4, L+, L-, OA, OB, OC, OD, R+, R-, PVDD_AB, PVDD_CD, M1, M2, GNDx2, PSVC
A.1
EVM Custom Component Vendors
TAS5612LDDVEVM and TAS5614LDDVEVM include inductors and heatsinks from 2 custom component
vendors designed specifically for the EVMs. These vendors carry stock for small orders on their shelves.
Advanced Thermal Solutions (ATS), in Norwood, MA, USA, provide a heatsink optimized for these EVMs,
ATS-TI1OP-563-C1. Information on this heatsink can be obtained from Leonard Alter at lalter@qats.com.
ATS design and manufacture a large line of off-the-shelf and patented high performance heatsinks. They
also design and manufacture research quality thermal test and measurement equipment and offer thermal
evaluation and design services. Information about their products and services is available at
www.qats.com.
Coilcraft, in Cary, IL, USA, provide a 10µH inductor optimized for these EVMs, MA5172-AE. Information
on this component can be found in the data sheet for the MA5172 inductor family at www.coilcraft.com.
Coilcraft make a variety of other inductors for Class D amplifiers, most of which are AEC-Q200 Grade 1
certified for automotive applications. Free evaluation samples and on-line ordering are available at
www.coilcraft.com.
A.2
TAS5612L-TAS5614LDDVEVM PCB SPECIFICATION
PCB IDENTIFICATION:
TAS5612L-TAS5614LDDVEVM_RevA
PCB TYPE:
DOUBLE-SIDED PLATED-THROUGH
PCB SIZE:
142 x 96 mm
LAMINATE TYPE:
FR4
LAMINATE THICKNESS:
1.6mm
COPPER THICKNESS:
70
μm (2 ounce) (INCLUDING PLATING EXTERIOR LAYER)
COPPER PLATING IN HOLES:
70
μm (2 ounce)
MINIMUM HOLE DIAMETER:
0.3 mm (12 mils)
SILKSCREEN:
WHITE - REMOVE SILKSCREEN FROM SOLDER & PRE-TINNED
AREAS
SOLDER MASK:
BLUE
APPROX. HOLE COUNT:
570
PROTECTIVE COATING:
ENIG (ELECTROLESS NICKEL / IMMERSION GOLD)
ELECTRICAL TEST:
PCB MUST BE ELECTRICAL TESTED
COMMENTS:
FAB NOTES ARE IN THE DRILL DRAWING FILE
14
Design Information
SLAU375 – May 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com