Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATSTI1OP-563-C1-R0 Datasheet(PDF) 12 Page - Texas Instruments

Part # ATSTI1OP-563-C1-R0
Description  TAS5612L-TAS5614LDDVEVM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ATSTI1OP-563-C1-R0 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ATSTI1OP-563-C1-R0 Datasheet HTML 8Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 9Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 10Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 11Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 12Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 13Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 14Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 15Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
www.ti.com
Appendix A Design Information
This appendix includes design information for the TAS5612L-TAS5614LDDVEVM. This information is
presented in the following order.
•
Table 4 Bill of Materials for TAS5614LDDVEVM
•
Section A.1 EVM Custom Component Vendors
•
Section A.2 TAS5612L-TAS5614LDDVEVM PCB SPECIFICATION
•
Section A.3 EVM PCB Layers
•
Section A.4 EVM and Input-USB Board 3 Schematics
Table 4. Bill of Materials for TAS5614LDDVEVM
Manu Part No.
Qty.
Ref Des
Vendor Part No.
Description
Vendor
Manu.
TI-SEMICONDUCTORS
TAS5614LDDV
1
U1
TAS5614LDDV
150W-STEREO/300W-MONO PUREPATH
Texas
Texas
DIGITAL AMP HTSSOP44-DDV ROHS
Instruments
Instruments
TAS5538DGG
1
U2
TAS5538DGG
8 CHANNEL HD COMPATIBLE AUDIO
Texas
Texas
PROCESSOR TSSOP56-DGG ROHS
Instruments
Instruments
TPS3825-33DBVT
1
U3
296-2636-1
PROCESSOR SUPERVISORY CIRCUITS
Digi-Key
Texas
2.93V 200ms SOT23-DBV5 ROHS
Instruments
TLV1117-33CDCYR
1
VR1
296-21112-1-ND
VOLT REG LDO 3.3V 800mA SOT223-DCY
Digi-Key
Texas
ROHS
Instruments
SEMICONDUCTORS
2N7002
4
Q1, Q2, Q3, Q4
2N7002NCT
N-FET 60V 115mA 200mW 7.5 OHM@10V
Digi-Key
Fairchild
SOT23-DBV3 ROHS
SML-LXT0805SRW-TR
3
125C, FAULT,
67-1555-1
LED, RED 2.0V SMD0805 ROHS
Digi-Key
Lumex Opto
AMP_RESET
SML-LXT0805YW-TR
1
CLIP
67-1554-1
LED, YELLOW 2.0V SMD0805 ROHS
Digi-Key
Lumex Opto
CAPACITORS
C1206C102K1RACTU
4
C21, C24, C27,
399-1222-1
CAP SMD1206 CERM 1000PFD 100V 1%
Digi-Key
Kemet
C30
C0G ROHS
GRM188R71H472KA01D
2
C54, C55
490-1506-1
CAP SMD0603 CERM 4700PFD 50V 10%
Digi-Key
Murata
X7R ROHS
GRM21BR72A103KA01L
5
C22, C25, C28,
490-1652-1
CAP SMD0805 CERM 0.01UFD 100V 10%
Digi-Key
Murata
C31, C70
X7R ROHS
GRM188R71H333KA61D
4
C16, C17, C18,
490-3286-1-ND
CAP SMD0603 CERM 0.033UFD 50V 10%
Digi-Key
Murata
C19
X7R ROHS
GRM188R71C473KA01D
2
C56, C57
490-1529-1
CAP SMD0603 CERM 0.047UFD 16V 10%
Digi-Key
Murata
ROHS
GRM188R71C104KA01D
17
C2, C3, C4, C7,
490-1532-1-ND
CAP SMD0603 CERM 0.1UFD 16V 10%
Digi-Key
Murata
C32, C50, C52,
X7R ROHS
C53, C59, C60,
C62, C63, C64,
C65, C74, C76,
C77
MKP4 -.68/250/20
4
C20, C23, C26,
MKP4 -0.68/250/20
CAP POLYPRO FILM MKP4 0.68UFD 250V
WIMA
WIMA
C29
20% ROHS
C1608X7R1C105K
2
C5, C6
445-1604-1
CAP SMD0603 CERM 1.0UFD 16V 10%
Digi-Key
TDK
X7R ROHS
GRM21BR71H105KA12L
5
C8, C9, C10,
490-4736-1-ND
CAP SMD0805 CERM 1.0UFD 50V 10%
Digi-Key
Murata
C11, C71
X7R ROHS
GRM21BR61C106KE15L
3
C58, C61, C66
490-3886-1
CAP SMD0805 CERM 10UFD 16V 10%
Digi-Key
Murata
X5R ROHS
CAPACITORS
EEU-FC1C470
4
C1, C51, C73,
P11196
CAP 47UFD 16V RAD ALUM ELEC FC
Digi-Key
Panasonic
C75
ROHS
UKZ1H470MPM
1
C72
493-3194
CAP ALUM ELEC KZ RADIAL 47UFD 50V
Digi-Key
Nichicon
20% ROHS
EEU-FC1H102
2
C12, C14
P10333-ND
CAP ALUM ELEC FC RADIAL 1000UFD
Digi-Key
Panasonic
50V 20% ROHS
12
Design Information
SLAU375 – May 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com