Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATSTI1OP-563-C1-R0 Datasheet(PDF) 24 Page - Texas Instruments

Part # ATSTI1OP-563-C1-R0
Description  TAS5612L-TAS5614LDDVEVM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ATSTI1OP-563-C1-R0 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ATSTI1OP-563-C1-R0 Datasheet HTML 20Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 21Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 22Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 23Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 24Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 25Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 26Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 27Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
LRCLK-SPDIF
MCLK-SPDIF
SCLK-SPDIF
DOUT-ADC1
DOUT-ADC1
DOUT-ADC2
DOUT-ADC2
DOUT-ADC3
DOUT-ADC3
DOUT-ADC4
DOUT-ADC4
DOUT-SPDIF
SDOUT1
SDOUT2
SDOUT3
SDOUT4
4.99K
0603
R305
JP300
JP301
4.99K
0603
R308
470pfd/50V
0603
C300
470pfd/50V
0603
C303
100
0603
R307
100
0603
R310
4.99K
0603
R306
4.99K
0603
R309
1.0ufd/16V
0603
C301
1.0ufd/16V
0603
C304
AGND
AGND
AGND
AGND
0.1ufd/16V
0603
C309
0.1ufd/16V
0603
C307
0.022ufd/25V
0603
C302
0.022ufd/25V
0603
C305
AGND
AGND
AGND
0.0
0603
R312
AGND
AGND
+5V
1.0
0603
R311
10ufd/10V
0805
C306
10ufd/10V
0805
C308
GND
0.1ufd/16V
0603
C311
TSSOP14-PW
U2
PCM1808PW
14
13
12
11
10
9
8
7
6
5
4
3
2
1
10ufd/10V
0805
C310
GND
GND
100
0603
R313
GND
0.1ufd/16V
0603
C323
TSSOP14-PW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
PCM1808PW
U3
10ufd/10V
0805
C322
GND
GND
100
0603
R322
GND
0.1ufd/16V
0603
C335
TSSOP14-PW
U4
PCM1808PW
14
13
12
11
10
9
8
7
6
5
4
3
2
1
10ufd/10V
0805
C334
GND
GND
100
0603
R331
GND
4.99K
0603
R314
JP302
JP303
4.99K
0603
R317
100
0603
R316
100
0603
R319
4.99K
0603
R315
4.99K
0603
R318
1.0ufd/16V
0603
C313
1.0ufd/16V
0603
C316
AGND
AGND
0.1ufd/16V
0603
C321
0.1ufd/16V
0603
C319
0.022ufd/25V
0603
C314
0.022ufd/25V
0603
C317
AGND
AGND
AGND
0.0
0603
R321
AGND
AGND
+5V
1.0
0603
R320
10ufd/10V
0805
C318
10ufd/10V
0805
C320
GND
4.99K
0603
R323
JP304
JP305
4.99K
0603
R326
100
0603
R325
100
0603
R328
4.99K
0603
R324
4.99K
0603
R327
1.0ufd/16V
0603
C325
1.0ufd/16V
0603
C328
AGND
AGND
0.1ufd/16V
0603
C333
0.1ufd/16V
0603
C331
0.022ufd/25V
0603
C326
0.022ufd/25V
0603
C329
AGND
AGND
AGND
0.0
0603
R330
AGND
AGND
+5V
1.0
0603
R329
10ufd/10V
0805
C330
10ufd/10V
0805
C332
GND
470pfd/50V
0603
C312
470pfd/50V
0603
C315
AGND
AGND
470pfd/50V
0603
C324
470pfd/50V
0603
C327
AGND
AGND
InputUsbBoard3.sbk
JULY 12, 2011
TUAN LUU
6527708
A
A
7
LDN
SCH REV
PCB REV
SHEET
DRAWN BY
OF
DATE
FILENAME
TI PAGEINFO:
DESIGN LEAD
EDGE #
0.1ufd/16V
0603
C347
TSSOP14-PW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
PCM1808PW
U5
10ufd/10V
0805
C346
GND
GND
100
0603
R340
GND
4.99K
0603
R332
JP306
JP307
4.99K
0603
R335
100
0603
R334
100
0603
R337
4.99K
0603
R333
4.99K
0603
R336
1.0ufd/16V
0603
C337
1.0ufd/16V
0603
C340
AGND
AGND
0.1ufd/16V
0603
C345
0.1ufd/16V
0603
C343
0.022ufd/25V
0603
C338
0.022ufd/25V
0603
C341
AGND
AGND
AGND
0.0
0603
R339
AGND
AGND
+5V
1.0
0603
R338
10ufd/10V
0805
C342
10ufd/10V
0805
C344
GND
SSOP8-DCT
1
2
3
4
5
6
7
8
MUX2
74LVC2G157DCT
VCC
GND
GND
GND
SSOP8-DCT
GND
VCC
74LVC2G157DCT
MUX3
8
7
6
5
4
3
2
1
GND
GND
SSOP8-DCT
GND
VCC
74LVC2G157DCT
MUX4
8
7
6
5
4
3
2
1
GND
GND
SSOP8-DCT
1
2
3
4
5
6
7
8
MUX5
74LVC2G157DCT
VCC
GND
GND
GND
ADC1-IN
NO
NC
8
7
6
5
3
R
L
1
2
4
0.0
0603
R300
0.0
0603
R301
ADC2-IN
NO
NC
8
7
6
5
3
R
L
1
2
4
ADC3-IN
NO
NC
8
7
6
5
3
R
L
1
2
4
0.0
0603
R302
0.0
0603
R303
ADC4-IN
NO
NC
8
7
6
5
3
R
L
1
2
4
AGND
AGND
AGND
AGND
0.0
0603
R304
1.00K
0603
R341
470pfd/50V
0603
C336
AGND
470pfd/50V
0603
C339
AGND
0.1ufd/16V
0603
C348
GND
0.1ufd/16V
0603
C349
GND
0.1ufd/16V
0603
C350
GND
0.1ufd/16V
0603
C351
GND
4.7 1/4W
0805
R12
+3.3V
4.7 1/4W
0805
R13
+3.3V
4.7 1/4W
0805
R14
+3.3V
4.7 1/4W
0805
R15
+3.3V
+3.3VD2
+3.3VD2
+3.3VD2
+3.3VD2
0.1ufd/16V
0603
C352
GND
Orange
SDOUT1
Orange
SDOUT2
Orange
SDOUT3
Orange
SDOUT4
+3.3VD2
Green
0805
ANALOG
SOT23-DBV3
Q9
4.7K
C
B
E
GND
357
0603
R342
+3.3VD2
+3.3VD2
357
0603
R343
DIGITAL
0805
Green
FROM SPDIF
ANALOG
INPUTS
TO
PSIA
DATA
SELECT
ADC INPUTS
3
INPUT-USB BOARD #3
DOUT-SPDIF
DOUT-SPDIF
DOUT-SPDIF
DOUT-SPDIF
ADC-EN
ADC-EN
ADC-EN
ADC-EN
ADC MUXES
TO I2S
SELECT
(ADC1)
(ADC2)
(ADC3)
(ADC4)
ADC/SPDIF
SELECT LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com