Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATSTI1OP-563-C1-R0 Datasheet(PDF) 26 Page - Texas Instruments

Part # ATSTI1OP-563-C1-R0
Description  TAS5612L-TAS5614LDDVEVM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ATSTI1OP-563-C1-R0 Datasheet(HTML) 26 Page - Texas Instruments

Back Button ATSTI1OP-563-C1-R0 Datasheet HTML 22Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 23Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 24Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 25Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 26Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 27Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 28Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 29Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
GND
0.5in
0.5in
Green
0805
5V
GND
560
0603
R2
0.5in
0.5in
GND
220ufd/16V
M
C1
+
GND
Red
+12V
Black
GND
Green
0805
3.3V
GND
374
0603
R3
+5V
+3.3V
+5V
10.0K
0603
R4
3.16K
0603
R5
0.01ufd/50V
0603
C3
SOP8-D
1
2
3
4
5
6
7
8
TPS5410D
VR2
NC
VSENSE
PH
VIN
ENA
NC
GND
BOOT
47ufd/16V
FC
C4
+
2A 40V
SMA
CR2
B240A-13-F
4.7ufd/16V
0805
C2
15uH
DG6045C
L1
+3.3V
3.3V/400mA
SOT230DBV5
VR3
TPS73633DBVT
5
4
3
2
1
0.1ufd/10V
0603
C5
0.1ufd/10V
0603
C8
+5V
GND
GND
GND
GND
GND
GND
GND
GND
GND
Green
0805
12V
GND
13.0K
0603
R1
JULY 12, 2011
TUAN LUU
6527708
InputUsbBoard3.sbk
A
A
7
LDN
TI
DESIGN LEAD
PAGE INFO:
FILENAME
DATE
DRAWN BY
SHEET
PCB REV
SCH REV
OF
EDGE #
+12V
+12V
+12V
GND
2.2ufd/10V
0603
C7
47ufd/16V
FC
C6
+
4.7 1/4W
0805
R11
10ufd/10V
0805
C11
GND
+3.3V
+3.3VD1
4.7 1/4W
0805
R16
10ufd/10V
0805
C12
GND
+3.3V
+3.3VD2
4.7 1/4W
0805
R17
10ufd/10V
0805
C13
GND
+3.3V
+3.3VD3
4.7 1/4W
0805
R18
10ufd/10V
0805
C14
GND
+3.3V
+3.3VD4
50V 2A
SMA
ES2AA
CR1
PVDD TO 5V SWITCHER
5V TO 3.3V DC-DC CONVERTER
INPUT-USB BOARD #3
5
POWER INPUTS AND SUPPLIES
MAIN POWER IN
BOM ONLY
STANDOFFS
ADC
MUXES
SPDIF
I2S
SELECT
MUXES
SWITCHES
AND
LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com