Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATSTI1OP-563-C1-R0 Datasheet(PDF) 19 Page - Texas Instruments

Part # ATSTI1OP-563-C1-R0
Description  TAS5612L-TAS5614LDDVEVM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ATSTI1OP-563-C1-R0 Datasheet(HTML) 19 Page - Texas Instruments

Back Button ATSTI1OP-563-C1-R0 Datasheet HTML 15Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 16Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 17Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 18Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 19Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 20Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 21Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 22Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
VALID
GND
4.7K
0603
R63
GND
Red/2,0V
0805
FAULT
GND
4.7K
0603
R62
GND
Yellow/2,0V
0805
CLIP
Red
PVDD
Black
GND
GND
1.0ufd/50V
0805 X7R
C71
GND
GND
47ufd/50V
KZ
C72
+
GND
0.1ufd/16V
0603 X7R
C74
0.1ufd/16V
0603 X7R
C76
GND
GND
GND
GND
0.1ufd/16V
0603 X7R
C77
GND
GND
60V/115mA
SOT23-DBV3
2N7002
Q2
S
G
D
60V/115mA
SOT23-DBV3
2N7002
Q3
S
G
D
GND
4.7K
0603
R61
GND
60V/115mA
SOT23-DBV3
2N7002
Q1
S
G
D
47ufd/16V
FC
C73
+
GND
3.3V 800mA
SOT223-DCY
VR1
1
2
3
TLV1117-33
GND
VIN
VOUT
Red/2,0V
0805
125C
47ufd/16V
M
C75
+
GND
4.7K
0603
R65
GND
Red/2,0V
0805
AMP_RESET
60V/115mA
SOT23-DBV3
Q4
2N7002
S
G
D
G12AP
3
2
1
S1
3.3
0603
R60
0.01ufd/100V
0805 X7R
C70
+12V
+12V
PVDD
+3.3V
+5V
+12V
+12V
STEPHEN CRUMP
TAS5612L-6500567 / TAS5614L-6524655
MARCH 7, 2012
TAS5612L-TAS5614LDDVEVM_RevA.sbk
A
A
5
LDN
TI
DESIGN LEAD
PAGE INFO:
FILENAME
DATE
DRAWN BY
SHEET
PCB REV
SCH REV
OF
EDGE #
GND
M3x25
M3
M3x8
GND
M3x25
GND
M3x25
GND
M3x25
M3
M3
M3
M3
M3
M3x8
M3x8
M3x8
M3x8
M3x8
AMP
RESET
ON
RESET
1-2/6-5
3-2/4-5
S3 SETTINGS
TO U1
FROM
MODULATOR
5V TO 3.3V DC-DC CONVERTER
MAIN POWER IN
PVDD RANGE= xxV-38V
ON/RESET CONTROL
STATUS
MONITORS
CLIP
FAULT
POWER SUPPLY, STATUS MONITORS, ON/OFF CONTROL
3
TAS5612LDDV/TAS5614LDDV EVALUATION BOARD
FROM U1
OTW
HARDWARE
STANDOFFS
WASHERS
SCREWS
HEAT
SINK
STAND
OFFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com