Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATSTI1OP-563-C1-R0 Datasheet(PDF) 18 Page - Texas Instruments

Part # ATSTI1OP-563-C1-R0
Description  TAS5612L-TAS5614LDDVEVM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ATSTI1OP-563-C1-R0 Datasheet(HTML) 18 Page - Texas Instruments

Back Button ATSTI1OP-563-C1-R0 Datasheet HTML 14Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 15Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 16Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 17Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 18Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 19Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 20Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 21Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
INPUT_D
INPUT_C
OUT_B
OUT_C
OUT_A
OUT_D
OUT_D
OUT_C
OUT_A
OUT_B
INPUT_B
INPUT_A
GND
1000pfd/100V
1206 COG
C21
GND
0.68ufd/250V
MKP4-15
C20
GND
GND
1000pfd/100V
1206 COG
C24
GND
0.68ufd/250V
MKP4-15
C23
GND
GND
1000pfd/100V
1206 COG
C27
GND
0.68ufd/250V
MKP4-15
C26
GND
GND
1000pfd/100V
1206 COG
C30
GND
0.68ufd/250V
MKP4-15
C29
GND
Red
LOUT+
Black
LOUT-
Red
ROUT+
Black
ROUT-
1000ufd/50V
FC
C12
+
GND
1.0ufd/50V
0805 X7R
C8
1.0ufd/50V
0805 X7R
C9
0.033ufd/50V
0603 X7R
C17
10uH/10A
MA5172-AE
L1
2
1
0.033ufd/50V
0603 X7R
C16
10uH/10A
MA5172-AE
1
2
L2
10uH/10A
MA5172-AE
L3
2
1
1000ufd/50V
FC
C14
+
GND
1.0ufd/50V
0805 X7R
C10
0.033ufd/50V
0603 X7R
C18
0.033ufd/50V
0603 X7R
C19
GND
10uH/10A
MA5172-AE
1
2
L4
1.0ufd/50V
0805 X7R
C11
0.1ufd/16V
0603 X7R
C7
GND
GND
47K
0603
R3
GND
GND
GND
GND
PVDD_AB
GND
GND
60V/790mV@3A
SMC
30BQ060
CR1
GND
60V/790mV@3A
SMC
CR2
30BQ060
GND
60V/790mV@3A
SMC
CR3
30BQ060
GND
60V/790mV@3A
SMC
30BQ060
CR4
GND
OA
OB
OC
OD
PVDD_CD
L-
L+
R-
R+
100
0603
R5
100
0603
R4
100
0603
R6
GND
30.0K
0603
R2
0.1ufd/16V
0603 X7R
C4
1.0ufd/16V
0603 X7R
C5
GND
1.0ufd/16V
0603 X7R
C6
GND
120TAIL
100LS
C
1
2
3
120TAIL
100LS
D
3
2
1
GND
M1
M2
120TAIL
100LS
M3
1
2
3
0.0
0402
R12
0.0
0402
R13
GND
0.01ufd/100V
0805 X7R
C22
0.01ufd/100V
0805 X7R
C25
3.3
0603
R8
3.3
0603
R9
3.3
0603
R10
3.3
0603
R11
0.01ufd/100V
0805 X7R
C28
0.01ufd/100V
0805 X7R
C31
3.3
0603
R1
0.1ufd/16V
0603 X7R
C3
0.1ufd/16V
0603 X7R
C2
GND
3.3
0603
R14
GND
3.3
0603
R7
47ufd/16V
FC
C1
+
GND
HS1
1
2
GND
PVDD
PVDD
+12V
+3.3V
+3.3V
+12V
+12V
+12V
STEPHEN CRUMP
TAS5612L-6500567 / TAS5614L-6524655
MARCH 7, 2012
TAS5612L-TAS5614LDDVEVM_RevA.sbk
LDN
5
A
A
TI
DESIGN LEAD
PAGE INFO:
FILENAME
DATE
DRAWN BY
SHEET
PCB REV
SCH REV
OF
EDGE #
HTSSOP44-DDV
TAS5612LDDV/TAS5614LDDV
16
18
20
U1
44
43
42
38
35
32
31
24
23
19
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
21
22
25
26
27
28
29
30
33
34
36
37
39
40
41
1-2 = BTL
2-3 = PBTL
1. MOUNT CR1-CR4
2. CHANGE ROC = 22K Ohms (R2)
3 OHM LOAD OPERATION:
FROM
MODULATOR
2
POWER AMPLIFIER
RIGHT
Output
LEFT
Output
TAS5612LDDV/TAS5614LDDV EVALUATION BOARD
TO
STATUS
MONITOR
FROM ON/RESET
CONTROL
1-2 = BTL
2-3 = PBTL
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com