Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATSTI1OP-563-C1-R0 Datasheet(PDF) 23 Page - Texas Instruments

Part # ATSTI1OP-563-C1-R0
Description  TAS5612L-TAS5614LDDVEVM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ATSTI1OP-563-C1-R0 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ATSTI1OP-563-C1-R0 Datasheet HTML 19Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 20Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 21Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 22Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 23Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 24Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 25Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 26Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
SCKO
BCKO
LRCKO
DOUT
MCLK-SPDIF
SCLK-SPDIF
LRCLK-SPDIF
DOUT-SPDIF
DOUT-SPDIF
3
2
1
TORX147PL(F,T)
J4
SHIELD
GND
Vcc
OUT
R206
0603
470
R212
0603
100
C212
0603
4700pfd/50V
C213
0603
0.068ufd/16V
R217
0603
680
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
U7
DIR9001PW
TSSOP28-PW
21
27
28
26
25
24
23
22
C207
0603
0.1ufd/16V
C211
0603
0.1ufd/16V
C204
0603
0.1ufd/16V
C210
0805
10ufd/10V
C208
0603
18pfd/50V
C209
0603
18pfd/50V
Y2
ABM8G
12.288 MHz
GND
R213
0603
47
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
LDN
7
A
A
InputUsbBoard3.sbk
JULY 12, 2011
6527708
TUAN LUU
EDGE #
OF
SCH REV
PCB REV
SHEET
DRAWN BY
DATE
FILENAME
PAGE INFO:
DESIGN LEAD
TI
4.7K
Q2
SOT23-DBV3
C
B
E
SPDIF-LOCK
0805
Blue
R211
0603
392
GND
GND
R200
0603
75
1
3
2
J3
INV1
2
4
15
3
SN74LVC1GU04DBV
SOT23-DBV5
R202
0603
1.0M
C201
0603
1.0ufd/10V
R203
0603
2.00K
C203
0603
1.0ufd/10V
R204
0603
7.50K
INV2
2
4
15
3
SN74LVC1GU04DBV
SOT23-DBV5
C202
0603
0.047ufd/16V
R201
0603
100
C200
0603
0.047ufd/16V
1
2
3
4
5
6
7
8
MUX1
74LVC2G157DCT
VCC
GND
SSOP8-DCT
GND
GND
S2
1
2
3
GND
GND
GND
R207
0603
10.0K
R210
0603
10.0K
R208
0603
DNP
R209
0603
DNP
C205
0603
0.1ufd/16V
GND
GND
GND
GND
GND
GND
GND
GND
+3.3VD1
+3.3VD1
+3.3VD1
+3.3VD1
+3.3VD1
+3.3VD1
+3.3VD1
+3.3VD1
+3.3VD1
MCLK2
Orange
SCLK2
Orange
LRCLK2
Orange
DOUT2
Orange
C206
0603
0.1ufd/16V
GND
+3.3VD1
R214
0603
47
R215
0603
47
R216
0603
47
R218
0603
0.0
R219
0603
0.0
Green
0805
COAX
SOT23-DBV3
Q8
4.7K
C
B
E
GND
357
0603
R220
OPTO
0805
Green
GND
R221
0603
357
+3.3VD1
R205
0603
49.9
+3.3VD1
2-3 = COAX
1-2 = OPTO
FROM
SYSTEM
RESET
OPTICAL SPDIF
2
SPDIF INTERFACE
INPUT-USB BOARD #3
SPDIF LOCK
TO
ADC MUXES
MCLK-SPDIF
SCLK-SPDIF
LRCLK-SPDIF
COAX
SPDIF
SPDIF SELECT
TO ADCs /
I2S SELECT
PSK Select
SPDIF SELECT LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com