Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SI8711CD-B-IM Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SI8711CD-B-IM
Description  5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8711CD-B-IM Datasheet(HTML) 5 Page - Silicon Laboratories

  SI8711CD-B-IM Datasheet HTML 1Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 2Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 3Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 4Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 5Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 6Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 7Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 8Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Si87xx
Preliminary Rev. 0.5
5
AC Switching Parameters (VDD =5V, RL =350 , CL = 15 pF)
Maximum Data Rate
FDATA
Si87xxA devices
Si87xxB devices
Si87xxC devices
DC
DC
DC
—
—
—
15
15
1
MBPS
MBPS
MBPS
Minimum Pulse Width
MPW
Si87xxA devices
Si87xxB devices
Si87xxC devices
66
66
1
—
—
—
—
—
—
ns
ns
µs
Propagation Delay
(Low-to-High)
tPLH
CL = 15 pF using 350  pull-up
—
—
60
ns
Propagation Delay
(High-to-Low)
tPHL
CL = 15 pF using 350  pull-up
—
—
60
ns
Pulse Width Distortion
PWD
| tPLH – tPHL |—
—
20
ns
Propagation Delay
Skew
tPSK(p-p) tPSK(P-P) is the magnitude of the dif-
ference in prop delays between dif-
ferent units operating at same supply
voltage, load, and ambient temp.
——
20
ns
Rise Time
tR
CL = 15 pF using 350  pull-up
—
15
—
ns
Fall Time
tF
CL = 15 pF using 350  pull-up
—
5
—
ns
Device Startup Time
tSTART
——
40
µs
Common Mode
Transient Immunity
CMTI
Output = low or high
IF = 3 mA for Si87xxA devices
IF = 6 mA for Si87xxB devices
IF = 3 mA for Si87xxC devices
20
35
20
35
50
35
—
—
—
kV/µs
kV/µs
kV/µs
Table 2. Electrical Characteristics (Continued)
VDD = 5 V; GND = 0 V; TA = –40 to +125 °C; typical specs at 25 °C
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com