Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SI8711CD-B-IM Datasheet(PDF) 16 Page - Silicon Laboratories

Part # SI8711CD-B-IM
Description  5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8711CD-B-IM Datasheet(HTML) 16 Page - Silicon Laboratories

Back Button SI8711CD-B-IM Datasheet HTML 12Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 13Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 14Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 15Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 16Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 17Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 18Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 19Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 20Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Si87xx
16
Preliminary Rev. 0.5
5. Pin Descriptions (SOIC-8, DIP8, LGA8) Open Collector
Figure 11. Pin Configuration
Table 11. Pin Descriptions (SOIC-8, DIP8, LGA8) Open Collector
Pin
Name
Description
1
NC
No connect.
2
ANODE
Anode of LED emulator. VO follows the signal applied to this input with respect to the
CATHODE input.
3
CATHODE Cathode of LED emulator. VO follows the signal applied to ANODE with respect to this input.
4
NC
No connect.
5
GND
External MOSFET source connection and ground reference for VDD. This terminal is typically
connected to ground but may be tied to a negative or positive voltage.
6VO
Output signal.
7
NC
No connect.
8VDD
Output-side power supply input referenced to GND (30 V max).
*Note: No Connect. These pins are not internally connected. To maximize CMTI performance, these pins should be
connected to the ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com