Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SI8711CD-B-IM Datasheet(PDF) 35 Page - Silicon Laboratories

Part # SI8711CD-B-IM
Description  5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8711CD-B-IM Datasheet(HTML) 35 Page - Silicon Laboratories

Back Button SI8711CD-B-IM Datasheet HTML 28Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 29Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 30Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 31Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 32Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 33Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 34Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 35Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 36Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
Si87xx
Preliminary Rev. 0.5
35
21. Top Marking: LGA8
Figure 26. LGA8 Top Marking
Table 27. LGA8 Top Marking Explanations
Line 1 Marking:
Device Part Number
Si87xxxx
Line 2 Marking:
YY = Year
WW = Work Week
Assigned by the Assembly House.
Corresponds to the year and work week of the
assembly release.
RTTTTT = Mfg Code
Manufacturing Code from the Assembly
Purchase Order form. “R” indicates revision.
Line 3 Marking:
Circle = 1.6 mm Diameter
Center-Justified
"e4" Pb-Free Symbol
Country of Origin
ISO Code Abbreviation
CC
Line 4 Marking:
Circle = 0.75 mm Diameter
Lower Left-Justified
Pin 1 Identifier
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com