Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SI8711CD-B-IM Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI8711CD-B-IM
Description  5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8711CD-B-IM Datasheet(HTML) 1 Page - Silicon Laboratories

  SI8711CD-B-IM Datasheet HTML 1Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 2Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 3Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 4Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 5Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 6Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 7Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 8Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Preliminary Rev. 0.5 9/12
Copyright © 2012 by Silicon Laboratories
Si87xx
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Si87xx
5 KV LED E MULATOR I NPUT, O PEN C OLLECTOR
O UTPUT I SOLATORS
Features
Applications
Safety Regulatory Approvals (Pending)
Description
The
Si87xx
isolators
are
pin-compatible,
one-channel,
drop-in
replacements for popular optocouplers with data rates up to 15 Mbps.
These devices isolate high-speed digital signals and offer performance,
reliability, and flexibility advantages not available with optocoupler
solutions. The Si87xx series is based on Silicon Labs' proprietary CMOS
isolation technology for low-power and high-speed operation and are
resistant to the wear-out effects found in optocouplers that degrade
performance with increasing temperature, forward current, and device
age. As a result, the Si87xx series offer longer service life and
dramatically higher reliability compared to optocouplers. Ordering options
include open collector output with and without integrated pull-up resistor
and output enable options.
Pin-compatible, drop-in upgrades for
popular high-speed digital
optocouplers
Performance and reliability
advantages vs. optocouplers

Resistant to temperature, age and
forward current effects

10x lower FIT rate for longer
service life

Higher common-mode transient
immunity: >50 kV/µs typical

Lower power and forward input
diode current
PCB footprint compatible with
optocoupler packaging
Wide range of product options
1 channel diode emulator input
3 to 30 V open collector output
Propagation delay 30 ns
Data rates dc to 15 Mbps
3.75 and 5 kV reinforced isolation

UL, CSA, VDE
Wide operating temperature range

–40 to +125 °C
RoHS-compliant packages

SOIC-8

DIP8

SDIP6

LGA8
Industrial automation
Motor controls and drives
Isolated switch mode power supplies
Isolated data acquisition
Test and measurement equipment
UL 1577 recognized

Up to 5000 Vrms for 1 minute
CSA component notice 5A
approval

IEC 60950-1, 61010-1, 60601-1
(reinforced insulation)
VDE certification conformity

IEC 60747-5-2 (VDE 0884 Part 2)
(reinforced insulation)
CQC certification approval

GB4943.1
Patent pending
Pin Assignments:
See page 18
SOIC-8, DIP8, LGA8
Open Collector Output
SDIP6
Open Collector Output
SOIC-8, DIP8, LGA8
Open Collector Output
with 20 k
 Pull-up Resistor
SOIC-8, DIP8, LGA8
Open Collector Output
with Output Enable


Similar Part No. - SI8711CD-B-IM

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8711CC-AS SKYWORKS-SI8711CC-AS Datasheet
1Mb / 38P
5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
January 25, 2022
SI8711CC-B-IP SKYWORKS-SI8711CC-B-IP Datasheet
1Mb / 38P
5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
January 25, 2022
SI8711CC-B-IS SKYWORKS-SI8711CC-B-IS Datasheet
1Mb / 38P
5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
January 25, 2022
More results

Similar Description - SI8711CD-B-IM

ManufacturerPart #DatasheetDescription
logo
Silicon image
SI826X SILICONIMAGE-SI826X Datasheet
423Kb / 42P
5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
logo
Silicon Laboratories
SI8261AAC-C-IS SILABS-SI8261AAC-C-IS Datasheet
1Mb / 40P
5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
SI8715BC-A-IS SILABS-SI8715BC-A-IS Datasheet
1Mb / 35P
5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
logo
M-System Co.,Ltd.
5BX MSYSTEM-5BX Datasheet
162Kb / 3P
Dual Channel Input/Output Isolators 5-UNIT
5VS MSYSTEM-5VS Datasheet
96Kb / 2P
Dual Channel Input/Output Isolators 5-UNIT
logo
Analog Devices
ADUM2210 AD-ADUM2210_V01 Datasheet
465Kb / 17P
Dual-Channel Digital Isolators, 5 kV
Rev. F
logo
Skyworks Solutions Inc.
SI873X SKYWORKS-SI873X Datasheet
951Kb / 23P
Low Input Current LED Emulator, Logic Output Isolators
Revision 1.0 March, 2018
SI826X SKYWORKS-SI826X Datasheet
459Kb / 39P
5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
Rev 1.51
SI871X SKYWORKS-SI871X Datasheet
956Kb / 36P
5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
Rev. 1.01
SI87XX SKYWORKS-SI87XX Datasheet
1Mb / 38P
5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
January 25, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com