Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SI8711CD-B-IM Datasheet(PDF) 31 Page - Silicon Laboratories

Part # SI8711CD-B-IM
Description  5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8711CD-B-IM Datasheet(HTML) 31 Page - Silicon Laboratories

Back Button SI8711CD-B-IM Datasheet HTML 27Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 28Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 29Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 30Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 31Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 32Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 33Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 34Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 35Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
Si87xx
Preliminary Rev. 0.5
31
17. Land Pattern: LGA8
Figure 22 illustrates the recommended land pattern details for the Si87xx in an LGA8 package. Table 23 lists the
values for the dimensions shown in the illustration.
Figure 22. LGA8 Land Pattern
Table 23. LGA8 Land Pattern Dimensions
Dimension
Feature
(mm)
C1
Pad Column Spacing
11.80
E
Pad Row Pitch
2.54
X1
Pad Width
1.30
Y1
Pad Length
1.80
Notes:
1. This Land Pattern Design is based on IPC-7351 specifications.
2. All feature sizes shown are at Maximum Material Condition (MMC) and a card
fabrication tolerance of 0.05 mm is assumed.
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com