Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SI8711CD-B-IM Datasheet(PDF) 21 Page - Silicon Laboratories

Part # SI8711CD-B-IM
Description  5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8711CD-B-IM Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button SI8711CD-B-IM Datasheet HTML 17Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 18Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 19Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 20Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 21Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 22Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 23Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 24Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Si87xx
Preliminary Rev. 0.5
21
Open Collector Output with 20 k
 Pullup Resistor (Available in SOIC-8, DIP8, and LGA8)
Si8711AC-B-IS
(In Production)
LED input
Open collector output
with integrated pullup
15 Mbps
HCPL-4506
(Functional Match)
3.75 kVrms
–40 to +125 °C
SOIC-8
Si8711BC-B-IS
(In Production)
High CMTI LED input
Open collector output
with integrated pullup
15 Mbps
HCPL-4506
(Functional Match)
3.75 kVrms
–40 to +125 °C
SOIC-8
Si8711CC-B-IS
(In Production)
LED input
Open collector output
with integrated pullup
1Mbps
HCPL-4506
(Functional Match)
3.75 kVrms
–40 to +125 °C
SOIC-8
Si8711AC-B-IP
(In Production)
LED input
Open collector output
with integrated pullup
15 Mbps
HCPL-4506
3.75 kVrms
–40 to +125 °C
DIP8/GW
Si8711BC-B-IP
(In Production)
High CMTI LED input
Open collector output
with integrated pullup
15 Mbps
HCPL-4506
3.75 kVrms
–40 to +125 °C
DIP8/GW
Si8711CC-B-IP
(In Production)
LED input
Open collector output
with integrated pullup
1Mbps
HCPL-4506
3.75 kVrms
–40 to +125 °C
DIP8/GW
Si8711AD-B-IM
(Sampling)
LED input
Open collector output
with integrated pullup
15 Mbps
HCNW-4506
5.0 kVrms
–40 to +125 °C
LGA8
Si8711BD-B-IM
(Sampling)
High CMTI LED input
Open collector output
with integrated pullup
15 Mbps
HCNW-4506
5.0 kVrms
–40 to +125 °C
LGA8
Si8711CD-B-IM
(Sampling)
LED input
Open collector output
with integrated pullup
1Mbps
HCNW-4506
5.0 kVrms
–40 to +125 °C
LGA8
Table 15. Si87xx Ordering Guide* (Continued)
New Ordering
Part Number
(OPN)
Ordering Options
Input/Output
Configuration
Data Rate
(Cross Reference)
Insulation
Rating
Temp Range
Pkg Type
*Note: All packages are RoHS-compliant. Moisture sensitivity level is MSL3 with peak reflow temperature of 260 °C according
to the JEDEC industry standard classifications and peak solder temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com