Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SI8711CD-B-IM Datasheet(PDF) 15 Page - Silicon Laboratories

Part # SI8711CD-B-IM
Description  5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8711CD-B-IM Datasheet(HTML) 15 Page - Silicon Laboratories

Back Button SI8711CD-B-IM Datasheet HTML 11Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 12Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 13Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 14Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 15Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 16Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 17Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 18Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 19Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
Si87xx
Preliminary Rev. 0.5
15
New designs should consider the input circuit configurations of Figure 9, which are more efficient than those of
Figures 7 and 8. As shown, S1 and S2 represent any suitable switch, such as a BJT or MOSFET, analog
transmission gate, processor I/O, etc. Also, note that the Si87xx input can be driven from the I/O port of any MCU
or FPGA capable of sourcing a minimum of 6 mA (see Figure 9B). Additionally, note that the Si87xx propagation
delay and output drive do not significantly change for values of IF between IF(MIN) and IF(MAX).
Figure 9. Si87xx Other Input Circuit Configurations
4.2. Output Circuit Design and Power Supply Connections
The speed of the open collector circuit is dependent upon the supply, VCC, the pullup resistor, RL, and the load
modeled by CL. Figure 10 illustrates three common circuit output configurations. For VDD = 5 V operation,
RL>350 is recommended to ensure proper VOL levels. For VDD = 30 V operation, RL > 2.1 kis recommended
to ensure proper VOL levels. If the enable pin is used (see Figure 10B) and two separate supplies power VDD and
the VO pullup resistor, the enable pin should be referenced to the VDD pin because VO cannot exceed VDD by more
than 0.5 V. Figure 10C illustrates a circuit using the internal 20 k
 resistor.
Note that GND can be biased at, above, or below ground as long as the voltage on VDD with respect to GND is a
maximum of 30 V. VDD decoupling capacitors should be placed as close to the package pins as possible. The
optimum values for these capacitors depend on load current and the distance between the chip and its power
source. It is recommended that 0.1 and 1 µF bypass capacitors be used to reduce high-frequency noise and
maximize performance. Opto replacement applications should limit their supply voltages to 30 V or less.
Figure 10. Si87xx Output Circuit Configurations
Si87xx
1
2
3
4
+5V
Control
Input
S1
N/C
ANODE
CATHODE
N/C
Si87xx
A
B
R1
S2
4
N/C
3
CATHODE
2
MCU I/O
Port pin
ANODE
R1
1
N/C
Si87xx
Si87xx
B
5
GND
6
VO
7
VE
8
VDD
0.1, 1 µF
EN
VCC1 3-30 V
RL
CL
VCC2 3-30 V
C
5
GND
6
VO
7
8
RL
CL
0.1, 1 µF
VCC 3-30 V
VL
VDD
Si87xx
A
5
GND
6
VO
7
VE
8
VDD
RL
CL
0.1, 1 µF
EN
VCC 3-30 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com