Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SI8711CD-B-IM Datasheet(PDF) 7 Page - Silicon Laboratories

Part # SI8711CD-B-IM
Description  5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8711CD-B-IM Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SI8711CD-B-IM Datasheet HTML 3Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 4Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 5Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 6Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 7Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 8Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 9Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 10Page - Silicon Laboratories SI8711CD-B-IM Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Si87xx
Preliminary Rev. 0.5
7
Table 5. IEC 60664-1 (VDE 0844 Part 2) Ratings
Parameter
Test Condition
Specification
SOIC-8
DIP8
SDIP6
LGA8
Basic Isolation Group
Material Group
I
I
I
I
Installation
Classification
Rated Mains Voltages <
150 VRMS
I-IV
I-IV
I-IV
I-IV
Rated Mains Voltages <
300 VRMS
I-IV
I-IV
I-IV
I-IV
Rated Mains Voltages <
450 VRMS
I-III
I-III
I-IV
I-IV
Rated Mains Voltages <
600 VRMS
I-III
I-III
I-IV
I-IV
Rated Mains Voltages <
1000 VRMS
—
—
—
I-III
Table 6. IEC 60747-5-2 Insulation Characteristics*
Parameter
Symbol
Test Condition
Characteristic
Unit
SOIC-8
DIP8
SDIP6
LGA8
Maximum Working
Insulation Voltage
VIORM
630
891
1140
1414
V peak
Input to Output Test
Voltage
VPR
Method b1
(VIORM x1.875 = VPR,
100%
Production Test, tm = 1 sec,
Partial Discharge < 5 pC)
1181
1671
2138
2652
V peak
Transient Overvoltage
VIOTM
t = 60 sec
6000
6000
8000
8000
V peak
Pollution Degree
(DIN VDE 0110, Table 1)
22
2
2
Insulation Resistance at
TS, VIO =500 V
RS
>109
>109
>109
>109
*Note: This isolator is suitable for reinforced electrical isolation only within the safety limit data. Maintenance of the safety
data is ensured by protective circuits. The Si87xx provides a climate classification of 40/125/21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com