Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8750CLSEFL/R Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8750CLSEFL/R
Description  Stereo CODEC for Portable Audio Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8750CLSEFL/R Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8750CLSEFL/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8750CLSEFL/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8750CLSEFL/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8750CLSEFL/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8750CLSEFL/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8750CLSEFL/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8750CLSEFL/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8750CLSEFL/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8750CLSEFL/R Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 65 page
background image
WM8750L
Production Data
w
PD, Rev 4.4, August 2012
12
POWER CONSUMPTION
The power consumption of the WM8750L depends on the following factors.
Supply voltages: Reducing the supply voltages also reduces supply currents, and therefore results in significant power
savings, especially in the digital sections of the WM8750L.
Operating mode: Significant power savings can be achieved by always disabling parts of the WM8750L that are not
used (e.g. mic pre-amps, unused outputs, DAC, ADC, etc.)
Control Register
R23
Other settings
Tot. Power
Bit
V
I (mA)
V
I (mA)
V
I (mA)
V
I (mA)
mW
OFF
00 0000000000000000 11
Clocks stopped
3.3
0.000
3.3
0.011
3.3 0.000 3.3
0.000
0.0363
01
2.5
0.000
2.5
0.009
2.5 0.000 2.5
0.000
0.0225
00
1.8
0.000
1.5
0.007
1.8 0.000 1.8
0.000
0.0105
Standby
10 1000000000000000 11
Interface Stopped
3.3
0.341
3.3
0.011
3.3 0.000 3.3
0.000
1.1616
(500 KOhm VMID string)
01
2.5
0.282
2.5
0.009
2.5 0.000 2.5
0.000
0.7275
00
1.8
0.194
1.5
0.007
1.8 0.000 1.8
0.000
0.3597
Playback to Line-out
01 1000001100110000 11
3.3
4.007
3.3
5.380
3.3 0.301 3.3
0.748
34.4388
01
2.5
3.025
2.5
3.687
2.5 0.215 2.5
0.723
19.1250
00
1.8
2.449
1.5
2.029
1.8 0.147 1.8
0.427
8.4849
Playback to Line-out
01 1000001111000001 11
3.3
3.796
3.3
4.541
3.3 0.302 3.3
0.744
30.9639
(64x oversampling mode)
01
2.5
2.870
2.5
3.093
2.5 0.215 2.5
0.722
17.2500
00
1.8
2.338
1.5
1.691
1.8 0.147 1.8
0.427
7.7781
Playback to 16 Ohm Headphone 01 1000001111000000 11
3.3
3.997
3.3
5.380
3.3 0.301 3.3
0.748
34.4058
01
2.5
3.026
2.5
3.687
2.5 0.215 2.5
0.723
19.1275
00
1.8
2.451
1.5
2.029
1.8 0.147 1.8
0.427
8.4885
Playback to 16 Ohm Headphone 01 1000001111000000 11
-27.959 dBFS
3.3
3.998
3.3
6.430
3.3 0.301 3.3
2.142
42.4743
0.1mW / channel into load
01
-25.547 dBFS
2.5
3.029
2.5
4.462
2.5 0.215 2.5
2.132
24.5950
(JEITA CP-2905B)
00
-22.694 dBFS
1.8
2.454
1.5
2.475
1.8 0.147 1.8
1.977
11.9529
Playback to 16 Ohm Headphone 01 1000001111000000 11
-10.969 dBFS
3.3
3.980
3.3
6.481
3.3 0.301 3.3 12.558
76.9560
5mW / channel into load
01
-8.558 dBFS
2.5
3.028
2.5
4.503
2.5 0.215 2.5 12.604
50.8750
00
-5.704 dBFS
1.8
2.450
1.5
2.503
1.8 0.147 1.8 12.275
30.5241
Playback to 16 Ohm Headphone 01 1000001111000100 11
R24, OUT3SW=00
3.3
3.986
3.3
5.567
3.3 0.301 3.3
1.133
36.2571
(capless mode using OUT3)
01
2.5
3.027
2.5
3.688
2.5 0.215 2.5
1.110
20.1000
00
1.8
2.452
1.5
2.029
1.8 0.147 1.8
0.726
9.0285
Playback to 8 Ohm BTL Speaker 01 1000001100110000 11
R24, ROUT2INV=1
3.3
4.151
3.3
5.381
3.3 0.301 3.3
0.603
34.4388
01
2.5
3.151
2.5
3.688
2.5 0.215 2.5
0.575
19.0725
00
1.8
2.533
1.5
2.029
1.8 0.147 1.8
0.352
8.5011
Headphone Amp
01 1000000011000000 11
Clocks Stopped
3.3
1.665
3.3
0.011
3.3 0.000 3.3
0.749
8.0025
(line-in to 16 Ohm headphone)
01
2.5
1.256
2.5
0.009
2.5 0.000 2.5
0.725
4.9750
00
1.8
0.865
1.5
0.007
1.8 0.000 1.8
0.429
2.3397
Speaker Amp
01 1000000000110000 11
Clocks Stopped
3.3
1.857
3.3
0.011
3.3 0.000 3.3
0.975
9.3819
(line-in to 8 Ohm speaker)
01
R24, ROUT2INV=1
2.5
1.372
2.5
0.009
2.5 0.000 2.5
0.985
5.9150
00
1.8
0.928
1.5
0.007
1.8 0.000 1.8
0.732
2.9985
Record from Line-in
01 1111100000000000 11
3.3
9.240
3.3
6.493
3.3 0.325 3.3
0.000
52.9914
01
2.5
8.407
2.5
4.243
2.5 0.232 2.5
0.000
32.2050
00
1.8
6.744
1.5
2.141
1.8 0.159 1.8
0.000
15.6369
Record from Line-in
01 1111100000000010 11
3.3
5.223
3.3
5.822
3.3 0.326 3.3
0.000
37.5243
(64x oversampling mode)
01
2.5
4.512
2.5
3.740
2.5 0.232 2.5
0.000
21.2100
00
1.8
3.834
1.5
1.899
1.8 0.160 1.8
0.000
10.0377
Record from mono microphone
01 1101010000000000 11 R32, LMICBOOST=11; 3.3
5.207
3.3
6.337
3.3 0.325 3.3
0.000
39.1677
01
R23, DATSEL=01
2.5
4.630
2.5
4.139
2.5 0.231 2.5
0.000
22.5000
00
1.8
3.755
1.5
2.128
1.8 0.163 1.8
0.000
10.2444
Record from mono microphone
01 1101010000000000 11 R32, LMICBOOST=11; 3.3
5.561
3.3
6.349
3.3 0.325 3.3
0.000
40.3755
(differential)
01
R23, DATSEL=01;
2.5
4.890
2.5
4.139
2.5 0.231 2.5
0.000
23.1500
00
R32, LINSEL=11
1.8
3.925
1.5
2.130
1.8 0.163 1.8
0.000
10.5534
Stereo Record & Playback
01 1111111100110000 11
3.3 12.778 3.3 10.650 3.3 0.323 3.3
0.680
80.6223
01
2.5 11.070 2.5
7.095
2.5 0.231 2.5
0.569
47.4125
00
1.8
8.585
1.5
3.846
1.8 0.159 1.8
0.351
22.1400
Stereo Record & Playback
01 1111111100110011 11
3.3
8.570
3.3
9.237
3.3 0.325 3.3
0.698
62.1390
(64x oversampling mode)
01
2.5
7.061
2.5
6.101
2.5 0.232 2.5
0.581
34.9375
00
1.8
5.601
1.5
3.258
1.8 0.160 1.8
0.348
15.8832
DCVDD
DBVDD
HPVDD
R25 (19h)
R26 (1Ah)
R24
AVDD
Table 1 Supply Current Consumption
Note: All figures are at TA = +25
oC, Slave Mode, fs = 48kHz, MCLK = 12.288 MHz (256fs), with zero signal (quiescent)
unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com