Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8978CGEFL/RV Datasheet(PDF) 45 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/RV
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/RV Datasheet(HTML) 45 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/RV Datasheet HTML 41Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 42Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 43Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 44Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 45Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 46Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 47Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 48Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 49Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 118 page
background image
Production Data
WM8978
w
PD, Rev 4.5, October 2011
45
PEAK LIMITER
To prevent clipping when a large signal occurs just after a period of quiet, the ALC circuit includes a
limiter function. If the ADC input signal exceeds 87.5% of full scale (–1.16dB), the PGA gain is
ramped down at the maximum attack rate (as when ALCATK = 0000), until the signal level falls below
87.5% of full scale. This function is automatically enabled whenever the ALC is enabled.
Note:
If ALCATK = 0000, then the limiter makes no difference to the operation of the ALC. It is
designed to prevent clipping when long attack times are used.
NOISE GATE (NORMAL MODE ONLY)
When the signal is very quiet and consists mainly of noise, the ALC function may cause “noise
pumping”, i.e. loud hissing noise during silence periods. The WM8978 has a noise gate function that
prevents noise pumping by comparing the signal level at the input pins against a noise gate
threshold, NGTH. The noise gate cuts in when:
Signal level at ADC [dBFS] < NGTH [dBFS] + PGA gain [dB] + Mic Boost gain [dB]
This is equivalent to:
Signal level at input pin [dBFS] < NGTH [dBFS]
The PGA gain is then held constant (preventing it from ramping up as it normally would when the
signal is quiet).
The table below summarises the noise gate control register. The NGTH control bits set the noise
gate threshold with respect to the ADC full-scale range. The threshold is adjusted in 6dB steps.
Levels at the extremes of the range may cause inappropriate operation, so care should be taken with
set–up of the function. The noise gate only operates in conjunction with the ALC and cannot be used
in limiter mode.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R35 (23h)
ALC Noise Gate
Control
2:0
NGTH
000
Noise gate threshold:
000 = -39dB
001 = -45dB
010 = -51db
011 = -57dB
100 = -63dB
101 = -69dB
110 = -75dB
111 = -81dB
3
NGATEN
0
Noise gate function enable
1 = enable
0 = disable
Table 25 ALC Noise Gate Control
The diagrams below show the response of the system to the same signal with and without noise
gate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com