Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8978CGEFL/RV Datasheet(PDF) 52 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/RV
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/RV Datasheet(HTML) 52 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/RV Datasheet HTML 48Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 49Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 50Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 51Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 52Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 53Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 54Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 55Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 56Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 118 page
background image
WM8978
Production Data
w
PD, Rev 4.5, October 2011
52
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:4
LIMLVL
000
Programmable signal threshold level
(determines level at which the limiter
starts to operate)
000=-1dB
001=-2dB
010=-3dB
011=-4dB
100=-5dB
101 to 111=-6dB
Table 29 DAC Digital Limiter Control
5-BAND GRAPHIC EQUALISER
A 5-band graphic equaliser (EQ) is provided, which can be applied to the ADC or DAC path, together
with 3D enhancement, under control of the EQ3DMODE register bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R18
EQ Control 1
8
EQ3DMODE
1
0 = Equaliser and 3D Enhancement
applied to ADC path
1 = Equaliser and 3D Enhancement
applied to DAC path
Table 30 EQ and 3D Enhancement DAC or ADC Path Select
The equaliser consists of low and high frequency shelving filters (Band 1 and 5) and three peak filters
for the centre bands. Each has adjustable cut-off or centre frequency, and selectable boost (+/- 12dB
in 1dB steps). The peak filters have selectable bandwidth.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R18
EQ Band 1
Control
4:0
EQ1G
01100
(0dB)
Band 1 Gain Control. See Table 36 for
details.
6:5
EQ1C
01
Band 1 Cut-off Frequency:
00=80Hz
01=105Hz
10=135Hz
11=175Hz
Table 31 EQ Band 1 Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R19
EQ Band 2
Control
4:0
EQ2G
01100
(0dB)
Band 2 Gain Control. See Table 36 for
details.
6:5
EQ2C
01
Band 2 Centre Frequency:
00=230Hz
01=300Hz
10=385Hz
11=500Hz
8
EQ2BW
0
Band 2 Bandwidth Control
0=narrow bandwidth
1=wide bandwidth
Table 32 EQ Band 2 Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com