Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8978CGEFL/RV Datasheet(PDF) 92 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/RV
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/RV Datasheet(HTML) 92 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/RV Datasheet HTML 88Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 89Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 90Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 91Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 92Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 93Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 94Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 95Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 96Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 118 page
background image
WM8978
Production Data
w
PD, Rev 4.5, October 2011
92
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
2
INPPGAENL
0
Left channel input PGA enable
0 = disabled
1 = enabled
Power
Management
1
ADCENR
0
Enable ADC right channel:
0 = ADC disabled
1 = ADC enabled
Analogue to
Digital
Converter
(ADC)
0
ADCENL
0
Enable ADC left channel:
0 = ADC disabled
1 = ADC enabled
Analogue to
Digital
Converter
(ADC)
3 (03h)
8
OUT4EN
0
OUT4 enable
0 = disabled
1 = enabled
Power
Management
7
OUT3EN
0
OUT3 enable
0 = disabled
1 = enabled
Power
Management
6
LOUT2EN
0
LOUT2 enable
0 = disabled
1 = enabled
Power
Management
5
ROUT2EN
0
ROUT2 enable
0 = disabled
1 = enabled
Power
Management
3
RMIXEN
0
Right output channel mixer enable:
0 = disabled
1 = enabled
Analogue
Outputs
2
LMIXEN
0
Left output channel mixer enable:
0 = disabled
1 = enabled
Analogue
Outputs
1
DACENR
0
Right channel DAC enable
0 = DAC disabled
1 = DAC enabled
Analogue
Outputs
0
DACENL
0
Left channel DAC enable
0 = DAC disabled
1 = DAC enabled
Analogue
Outputs
4 (04h)
8
BCP
0
BCLK polarity
0=normal
1=inverted
Digital Audio
Interfaces
7
LRP
0
right, left and i2s modes – LRCLK polarity
1 = invert LRCLK polarity
0 = normal LRCLK polarity
Digital Audio
Interfaces
DSP Mode – mode A/B select
1 = MSB is available o
n 1st BCLK rising edge
after LRC rising edge (mode B)
0 = MSB is available o
n 2nd BCLK rising edge
after LRC rising edge (mode A)
6:5
WL
10
Word length
00=16 bits
01=20 bits
10=24 bits
11=32 bits
Digital Audio
Interfaces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com