Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8978CGEFL/RV Datasheet(PDF) 83 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/RV
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/RV Datasheet(HTML) 83 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/RV Datasheet HTML 79Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 80Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 81Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 82Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 83Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 84Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 85Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 86Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 87Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 118 page
background image
Production Data
WM8978
w
PD, Rev 4.5, October 2011
83
In 2-wire mode the WM8978 has a fixed device address, 0011010.
RESETTING THE CHIP
The WM8978 can be reset by performing a write of any value to the software reset register (address
0 hex). This will cause all register values to be reset to their default values. In addition to this there
is a Power-On Reset (POR) circuit which ensures that the registers are set to default when the device
is powered up.
POWER SUPPLIES
The WM8978 can use up to five separate power supplies:
AVDD and AGND: Analogue supply, powers all analogue functions except the speaker output and
mono output drivers. AVDD can range from 2.5V to 3.6V and has the most significant impact on
overall power consumption (except for power consumed in the headphone). A large AVDD slightly
improves audio quality.
SPKVDD and SPKGND: Headphone and Speaker supplies, power the speaker and mono output
drivers. SPKVDD can range from 2.5V to 5V. SPKVDD can be tied to AVDD, but it requires separate
layout and decoupling capacitors to curb harmonic distortion. With a larger SPKVDD, louder
headphone and speaker outputs can be achieved with lower distortion. If SPKVDD is lower than
AVDD, the output signal may be clipped.
DCVDD: Digital core supply, powers all digital functions except the audio and control interfaces.
DCVDD can range from 1.71V to 3.6V, and has no effect on audio quality. The return path for
DCVDD is DGND, which is shared with DBVDD.
DBVDD can range from 1.71V to 3.6V. DBVDD return path is through DGND.
It is possible to use the same supply voltage for all four supplies. However, digital and analogue
supplies should be routed and decoupled separately on the PCB to keep digital switching noise out of
the analogue signal paths.
DCVDD should be greater than or equal to 1.9V when using the PLL.
RECOMMENDED POWER UP/DOWN SEQUENCE
In order to minimise output pop and click noise, it is recommended that the WM8978 device is
powered up and down using one of the following sequences:
Power-up when NOT using the output 1.5x boost stage:
1.
Turn on external power supplies. Wait for supply voltage to settle.
2.
Mute all analogue outputs.
3.
Set L/RMIXEN = 1 and DACENL/R = 1 in register R3.
4.
Set BUFIOEN = 1 and VMIDSEL[1:0] to required value in register R1. Wait for the VMID supply
to settle. *Refer notes 1 and 2.
5.
Set BIASEN = 1 in register R1.
6.
Set L/ROUT1EN = 1 in register R2.
7.
Enable other mixers as required.
8.
Enable other outputs as required.
9.
Set remaining registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com