Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8978CGEFL/RV Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/RV
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/RV Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/RV Datasheet HTML 45Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 46Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 47Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 48Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 49Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 50Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 51Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 52Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 53Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 118 page
background image
Production Data
WM8978
w
PD, Rev 4.5, October 2011
49
The DAC output phase defaults to non-inverted. Setting DACPOLL will invert the DAC output phase
on the left channel and DACPOLR inverts the phase on the right channel.
AUTO-MUTE
The DAC has an auto-mute function which applies an analogue mute when 1024 consecutive zeros
are detected. The mute is released as soon as a non-zero sample is detected. Automute can be
disabled using the AMUTE control bit.
DIGITAL HI-FI DAC VOLUME (GAIN) CONTROL
The signal volume from each hi-fi DAC can be controlled digitally. The gain and attenuation range is
–127dB to 0dB in 0.5dB steps. The level of attenuation for an eight-bit code X is given by:
0.5
 (X-255) dB for 1  X  255;
MUTE for X = 0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R11
Left DAC
Digital Volume
7:0
DACVOLL
[7:0]
11111111
( 0dB )
Left DAC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -127dB
0000 0010 = -126.5dB
... 0.5dB steps up to
1111 1111 = 0dB
8
DACVU
Not
latched
DAC left and DAC right volume do
not update until a 1 is written to
DACVU (in reg 11 or 12)
R12
Right DAC
Digital Volume
7:0
DACVOLR
[7:0]
11111111
( 0dB )
Right DAC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -127dB
0000 0010 = -126.5dB
... 0.5dB steps up to
1111 1111 = 0dB
8
DACVU
Not
latched
DAC left and DAC right volume do
not update until a 1 is written to
DACVU (in reg 11 or 12)
Table 28 DAC Digital Volume Control
Note:
An additional gain of up to +12dB can be added using the gain block embedded in the
digital peak limiter circuit (see DAC OUTPUT LIMITER section).
5-BAND EQUALISER
A 5-band graphic equaliser function which can be used to change the output frequency levels to suit
the environment. This can be applied to the ADC or DAC path and is described in the 5-BAND
EQUALISER section for further details on this feature.
3-D ENHANCEMENT
The WM8978 has an advanced digital 3-D enhancement feature which can be used to vary the
perceived stereo separation of the left and right channels. Like the 5-band equaliser this feature can
be applied to either the ADC record path or the DAC playback path but not both simultaneously. See
the 3-D STEREO ENHANCEMENT section for further details on this feature.
DAC DIGITAL OUTPUT LIMITER
The WM8978 has a digital output limiter function. The operation of this is shown in Figure 25. In this
diagram the upper graph shows the envelope of the input/output signals and the lower graph shows
the gain characteristic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com