Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8978CGEFL/RV Datasheet(PDF) 86 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/RV
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/RV Datasheet(HTML) 86 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/RV Datasheet HTML 82Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 83Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 84Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 85Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 86Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 87Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 88Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 89Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 90Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 118 page
background image
WM8978
Production Data
w
PD, Rev 4.5, October 2011
86
Notes:
1.
The analogue input pin charge time, tmidrail_on, is determined by the VMID pin charge time. This
time is dependent upon the value of VMID decoupling capacitor and VMID pin input resistance
and AVDD power supply rise time.
2.
The analogue input pin discharge time, tmidrail_off, is determined by the analogue input coupling
capacitor discharge time. The time, tmidrail_off, is measured using a 1μF capacitor on the analogue
input but will vary dependent upon the value of input coupling capacitor.
3.
While the ADC is enabled there will be LSB data bit activity on the ADCDAT pin due to system
noise but no significant digital output will be present.
4.
The VMIDSEL and BIASEN bits must be set to enable analogue input midrail voltage and for
normal ADC operation.
5.
ADCDAT data output delay from power –p - with power supplies starting from –V - is determined
primarily by the VMID charge time. ADC initialisation and power management bits may be set
immediately after POR is released; VMID charge time will be significantly longer and will dictate
when the device is stabilised for analogue input.
6.
ADCDAT data output delay at power up from device standby (power supplies already applied) is
determined by ADC initialisation time, 2/fs.
Figure 47 DAC Power Up and Down Sequence (not to scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com