Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8978CGEFL/RV Datasheet(PDF) 31 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/RV
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/RV Datasheet(HTML) 31 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/RV Datasheet HTML 27Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 28Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 29Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 30Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 31Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 32Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 33Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 34Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 35Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 118 page
background image
Production Data
WM8978
w
PD, Rev 4.5, October 2011
31
Figure 16 ADC Digital Filter Path
The ADCs are enabled by the ADCENL/R register bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2
Power
management 2
0
ADCENL
0
Enable ADC left channel:
0 = ADC disabled
1 = ADC enabled
1
ADCENR
0
Enable ADC right channel:
0 = ADC disabled
1 = ADC enabled
Table 12 ADC Enable Control
The polarity of the output signal can also be changed under software control using the
ADCLPOL/ADCRPOL register bit.
The oversampling rate of the ADC can be adjusted using the
ADCOSR register bit. With ADCOSR=0 the oversample rate is 64x which gives lowest power
operation and when ADCOSR=1 the oversample rate is 128x which gives best performance.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R14
ADC Control
0
ADCLPOL
0
ADC left channel polarity adjust:
0=normal
1=inverted
1
ADCRPOL
0
ADC right channel polarity adjust:
0=normal
1=inverted
3
ADCOSR
0
ADC oversample rate select:
0=64x (lower power)
1=128x (best performance)
Table 13 ADC Control
SELECTABLE HIGH PASS FILTER
A selectable high pass filter is provided. To disable this filter set HPFEN=0. The filter has two
modes controlled by HPFAPP. In Audio Mode (HPFAPP=0) the filter is first order, with a cut-off
frequency of 3.7Hz. In Application Mode (HPFAPP=1) the filter is second order, with a cut-off
frequency selectable via the HPFCUT register. The cut-off frequencies when HPFAPP=1 are shown
in Table 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com