Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8978CGEFL/RV Datasheet(PDF) 79 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/RV
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/RV Datasheet(HTML) 79 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/RV Datasheet HTML 75Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 76Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 77Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 78Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 79Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 80Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 81Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 82Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 83Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 118 page
background image
Production Data
WM8978
w
PD, Rev 4.5, October 2011
79
u-law Companding
0
20
40
60
80
100
120
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Normalised Input
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Figure 42 u-Law Companding
A-law Companding
0
20
40
60
80
100
120
0
0.2
0.4
0.6
0.8
1
Normalised Input
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Figure 43 A-Law Companding
GENERAL PURPOSE INPUT/OUTPUT
The WM8978 has three dual purpose input/output pins.
CSB/GPIO1: CSB / GPIO pin
L2/GPIO2: Left channel line input / headphone detection input
R2/GPIO3: Right channel line input / headphone detection input
The GPIO2 and GPIO3 functions are provided for use as jack detection inputs.
The GPIO1 function is provided for use as a jack detection input or a general purpose output.
The default configuration for the CSB/GPIO1 pin is to be an input.
When setup as an input, the CSB/GPIO1 pin can either be used as CSB or for jack detection,
depending on how the MODE pin is set.
Table 49 illustrates the functionality of the GPIO1 pin when used as a general purpose output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com