Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W25Q128FVCIP Datasheet(PDF) 36 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 36 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 32Page - Winbond W25Q128FVCIP Datasheet HTML 33Page - Winbond W25Q128FVCIP Datasheet HTML 34Page - Winbond W25Q128FVCIP Datasheet HTML 35Page - Winbond W25Q128FVCIP Datasheet HTML 36Page - Winbond W25Q128FVCIP Datasheet HTML 37Page - Winbond W25Q128FVCIP Datasheet HTML 38Page - Winbond W25Q128FVCIP Datasheet HTML 39Page - Winbond W25Q128FVCIP Datasheet HTML 40Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 97 page
background image
W25Q128FV
- 35 -
Fast Read (0Bh) in QPI Mode
The Fast Read instruction is also supported in QPI mode. When QPI mode is enabled, the number of
dummy clocks is configured by the “Set Read Parameters (C0h)” instruction to accommodate a wide
range of applications with different needs for either maximum Fast Read frequency or minimum data
access latency. Depending on the Read Parameter Bits P[5:4] setting, the number of dummy clocks can
be configured as either 2, 4, 6 or 8. The default number of dummy clocks upon power up or after a Reset
instruction is 2.
/CS
CLK
Mode 0
Mode 3
0
1
IO
0
IO
1
IO
2
IO
3
0Bh
2
3
4
5
20
16
12
8
21
17
22
18
23
19
13
9
14
10
15
11
A23-16
6
7
8
9
4
0
5
1
6
2
7
3
A15-8
A7-0
Dummy
*
Byte 1
Byte 2
4
0
5
1
6
2
7
3
4
0
5
1
6
2
7
3
4
0
5
1
6
2
7
3
10
11
12
13
4
5
6
7
IOs switch from
Input to Output
* "Set Read Parameters" instruction (C0h) can set
the number of dummy clocks.
Instruction
Figure 16b. Fast Read Instruction (QPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com