Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W25Q128FVCIP Datasheet(PDF) 42 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 42 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 38Page - Winbond W25Q128FVCIP Datasheet HTML 39Page - Winbond W25Q128FVCIP Datasheet HTML 40Page - Winbond W25Q128FVCIP Datasheet HTML 41Page - Winbond W25Q128FVCIP Datasheet HTML 42Page - Winbond W25Q128FVCIP Datasheet HTML 43Page - Winbond W25Q128FVCIP Datasheet HTML 44Page - Winbond W25Q128FVCIP Datasheet HTML 45Page - Winbond W25Q128FVCIP Datasheet HTML 46Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 97 page
background image
W25Q128FV
- 41 -
M7-0
/CS
CLK
Mode 0
Mode 3
0
1
IO
0
IO
1
IO
2
IO
3
2
3
4
5
20
16
12
8
21
17
22
18
23
19
13
9
14
10
15
11
A23-16
6
7
8
9
4
0
5
1
6
2
7
3
A15-8
A7-0
Byte 1
Byte 2
4
0
5
1
6
2
7
3
4
0
5
1
6
2
7
3
4
0
5
1
6
2
7
3
10
11
12
13
14
4
5
6
7
IOs switch from
Input to Output
Byte 3
15
Dummy
Dummy
Figure 24b. Fast Read Quad I/O Instruction (Previous instruction set M5-4 = 10, SPI Mode)
Fast Read Quad I/O with “8/16/32/64-Byte Wrap Around” in Standard SPI mode
The Fast Read Quad I/O instruction can also be used to access a specific portion within a page by issuing
a “Set Burst with Wrap” (77h) command prior to EBh. The “Set Burst with Wrap” (77h) command can
either enable or disable the “Wrap Around” feature for the following EBh commands. When “Wrap
Around” is enabled, the data being accessed can be limited to either an 8, 16, 32 or 64-byte section of a
256-byte page. The output data starts at the initial address specified in the instruction, once it reaches the
ending boundary of the 8/16/32/64-byte section, the output will wrap around to the beginning boundary
automatically until /CS is pulled high to terminate the command.
The Burst with Wrap feature allows applications that use cache to quickly fetch a critical address and then
fill the cache afterwards within a fixed length (8/16/32/64-byte) of data without issuing multiple read
commands.
The “Set Burst with Wrap” instruction allows three “Wrap Bits”, W6-4 to be set. The W4 bit is used to
enable or disable the “Wrap Around” operation while W6-5 are used to specify the length of the wrap
around section within a page. Refer to section 8.2.24 for detail descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com